Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-2230B Datasheet(PDF) 5 Page - Copal Electronics

Part # SD-2230B
Description  ROTARY CODED SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SD-2230B Datasheet(HTML) 5 Page - Copal Electronics

  SD-2230B Datasheet HTML 1Page - Copal Electronics SD-2230B Datasheet HTML 2Page - Copal Electronics SD-2230B Datasheet HTML 3Page - Copal Electronics SD-2230B Datasheet HTML 4Page - Copal Electronics SD-2230B Datasheet HTML 5Page - Copal Electronics SD-2230B Datasheet HTML 6Page - Copal Electronics SD-2230B Datasheet HTML 7Page - Copal Electronics SD-2230B Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SD-1000 / 2000
ROTARY CODED SWITCHES
10
6.8
6 – 0.6
± 0.1
Production date code
t = 0.15
0.6 W
× 3.2 L × 1.2 D
5
4
3
2.54
3.3
①Ⓒ④
②Ⓒ⑧
2.54
2.54
10
0.6 W
× 3.2 L × 1.2 D
6.8
Production date code
2.54
3.3
①Ⓒ④
2.54
2.54
6 – 0.6
± 0.1
t = 0.15
②Ⓒ⑧
10
0.6 W
× 3.2 L × 1.5 D
5
4
3
6.8
Production date code
2.54
3.3
①Ⓒ④
2.54
2.54
6 – 0.6
± 0.1
t = 0.15
②Ⓒ⑧
10
0.6 W
× 3.2 L × 1.5 D
6.8
Production date code
2.54
3.3
①Ⓒ④
2.54
2.54
6 – 0.6
± 0.1
t = 0.15
②Ⓒ⑧
10
6.5
0.7 W
× 1 D
5
4
3
6.8
Production date code
2.54
3.3
①Ⓒ④
2.54
2.54
6 – 0.6
± 0.1
t = 0.15
②Ⓒ⑧
10
6.5
0.7 W
× 1 D
3
2
6.8
Production date code
2.54
3.3
①Ⓒ④
2.54
2.54
6 – 0.6
± 0.1
t = 0.15
②Ⓒ⑧
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
<Through hole pin, Side setting>
O SD-1011 (Real code)
O SD-1031 (Complementary code)
O SD-2011 (Real code)
O SD-2031 (Complementary code)
O SD-1211 (Real code)
O SD-1231 (Complementary code)
O SD-2211 (Real code)
O SD-2231 (Complementary code)
O SD-1111 (Real code)
O SD-1131 (Complementary code)
O SD-2111 (Real code)
O SD-2131 (Complementary code)


Similar Part No. - SD-2230B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD-2210 ETC2-SD-2210 Datasheet
244Kb / 8P
   ROTARY CODED SWITCHES
SD-2210B ETC2-SD-2210B Datasheet
244Kb / 8P
   ROTARY CODED SWITCHES
SD-2210TB ETC2-SD-2210TB Datasheet
244Kb / 8P
   ROTARY CODED SWITCHES
SD-2210W ETC2-SD-2210W Datasheet
244Kb / 8P
   ROTARY CODED SWITCHES
SD-2210WB ETC2-SD-2210WB Datasheet
244Kb / 8P
   ROTARY CODED SWITCHES
More results

Similar Description - SD-2230B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com