Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC-1010 Datasheet(PDF) 8 Page - Copal Electronics

Part # SC-1010
Description  ROTARY CODED SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SC-1010 Datasheet(HTML) 8 Page - Copal Electronics

  SC-1010 Datasheet HTML 1Page - Copal Electronics SC-1010 Datasheet HTML 2Page - Copal Electronics SC-1010 Datasheet HTML 3Page - Copal Electronics SC-1010 Datasheet HTML 4Page - Copal Electronics SC-1010 Datasheet HTML 5Page - Copal Electronics SC-1010 Datasheet HTML 6Page - Copal Electronics SC-1010 Datasheet HTML 7Page - Copal Electronics SC-1010 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PACKAGING SPECIFICATIONS
Maximum number of consecutive missing pieces = 2
Leader length and reel dimension are shown in the dia-
grams below:
<Taping packaging specifications>
O Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500,
1000, 1500 pcs., etc.
O Taping version is boxed with one reel (500 pcs.).
O Embossed tape dimensions
O Reel dimensions
(Unit: mm)
(In accordance with EIAJ ET-7200A)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
Leader
<Tray packaging specifications>
O Tray version is packaged in 50 pcs. per tray. Orders will
be accepted for units of 50 pcs., i. e., 50, 100, 150 pcs.
etc.
O Tray version is boxed with 10 trays.
<Bulk pack specifications>
O The smallest unit of bulk pack in a plastic bag is 10 pcs.
per pack. Orders will be accepted for unit of minimum 10
pcs., i.e., 10, 20, 30 pcs. , etc.
O Boxing of bulk pack in a plastic bag is performed with 25
pcs. (standard 50 pcs.) per box.
(Unit: mm)
(In accordance with EIAJ RC-1009B)
2
± 0.5
25.4
± 1
29.4
± 1
Part No. label
13
± 0.2
φ
21
± 0.8
φ
16
± 0.1
0.4
± 0.1
4.8
Direction of feed
4
± 0.1 2 ± 0.1
1.5
φ
+0.1
0
SC-1000 / 2000
ROTARY CODED SWITCHES


Similar Part No. - SC-1010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1010 ETC2-SC-1010 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
SC-1010B ETC2-SC-1010B Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
SC-1010TB ETC2-SC-1010TB Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
SC-1010W ETC2-SC-1010W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
SC-1010WB ETC2-SC-1010WB Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results

Similar Description - SC-1010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com