Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS-8989 Datasheet(PDF) 1 Page - Keysight Technologies

Part No. TS-8989
Description  PXI Functional Test System
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

TS-8989 Datasheet(HTML) 1 Page - Keysight Technologies

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Keysight Technologies
TS-8989 PXI Functional Test System
Maximizing test coverage with Minimum system size
Industries and Applications
– Automotive Electronic Control Unit Test
– Immobilizers, Electronic Parking Brakes (EPB),
Airbag Control Unit, Electronic Clutch Applications
(ECA), Body Control Module (BCM)
– Industrial Electronics Test
– LED Driver Modules
Product Description
The Keysight Technologies, Inc. TS-8989 PXI Functional
Test System provides manufacturers with a cost effective,
integrated, modular PXI-based measurement and high
current switch load unit system in a box.
Product features
Benefit
Integrated PXI Chassis
and Switch/Load Unit
(SLU)
– All in one compact system in a box
– Scalable and modular with 8-slots
PXI and 11-slots switch or load
cards
– Can be used as a bench top or
integrated into a rack
– Space optimization up to
8U rack height
Signal Switching
– Up to 64 x 4 per
matrix card (with
Auxiliary)
– Switching speed as fast as 300 μs
– Multiple signal and load routing
– Long lasting and reliable switch-
ing connections up to 100 million
operation cycles
High Current Load
Switching
– Up to 40 A
8-channels per
load card
– Up to 48-channels
2 A per load card
– Three types of
load cards
– Current sense
capability
– Flyback protection
– Enable connections to internal and
externally defined loads (resistive,
capacitive and inductive) for load
simulation (e.g. motor)
– Available in Single-load, Dual-load,
Quad-load types
– Flexible for Pull Up/Down Loads,
Bridge Loads, Multiplexing Loads
Measurement
– 6.5 digits M9183A
Digital Multimeter
– Fast measurement speed up to
15,000 reading per second
– High precision with basic DCV
accuracy 90 ppm
Product features
Benefit
Test Sequencer
– Keysight TestExec
SL as default test
executive
– TestExec SL is a manufacturing
test sequencer help to accelerate
program development and test
integration.
– TS-8989 is compatible with any other
test sequencers that support C and
IVI-C, IVI-COM driver
Specifications
Hardware
PXI chassis
8 slots (cPCI, PXI-1)
Switch/load unit
11-slots with integrated 8-ch DIO, ±12 V fixed
DC supply
Dimension in mm
483.85 (W) x 372.06 (H) x 543.14 (D)
Base configuration
– 1 E87x2A pin matrix and instrument card
– 1 M918xA 6.5-digit DMM
– 1 U8989A-PCx industrial or embedded
PC controller with test sequencer and
action library
Software
Operating system
Windows 7 Professional 64-bit
Test sequencer
TestExec SL v7.1 with TS-5000 v7.1 library
Included hardware
drivers
C or IVI-C, IVI-COM


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn