Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS-8900 Datasheet(PDF) 23 Page - Keysight Technologies

Part # TS-8900
Description  TS-8900 Automotive Electronics Functional Test System
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

TS-8900 Datasheet(HTML) 23 Page - Keysight Technologies

Back Button TS-8900 Datasheet HTML 19Page - Keysight Technologies TS-8900 Datasheet HTML 20Page - Keysight Technologies TS-8900 Datasheet HTML 21Page - Keysight Technologies TS-8900 Datasheet HTML 22Page - Keysight Technologies TS-8900 Datasheet HTML 23Page - Keysight Technologies TS-8900 Datasheet HTML 24Page - Keysight Technologies TS-8900 Datasheet HTML 25Page - Keysight Technologies TS-8900 Datasheet HTML 26Page - Keysight Technologies TS-8900 Datasheet HTML 27Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
23
M9183A source DC voltage, measure DC voltage
Parameter
Extended resolution
Basic resolution
DC voltage source (output) range
–10.000 to +10.000 V
–10.000 to +10.000 V
DC current source/sink at 5 V output
5 mA
5 mA
DAC resolution (nom)
18 bits
12 bits
DC voltage source accuracy 1 year,
(23° C ± 5° C) 1,2,3
0.015% ± 0.004%
1.0% ± 0.4%
Settling time (typ)
100 ms
1 ms
Source resistance (nom)
200 Ω
200 Ω
Source-Measure [(spec) unless otherwise stated)]
M9183A source DC voltage, measure DC current
DC voltage source (output) range
–10.000 to +10.000 V
DC current measurement range
0 to ± 20 mA
Voltage resolution (nom)
5 mV
Voltage source accuracy 1 Year, (23° C ± 5° C) 1,2,3
1.0% ± 0.35%
Settling time (typ)
100 ms
DC current measurement accuracy
0.1% + 0.005%
M9183A source DC voltage, measure DC voltage
DC voltage measurement range
0 to ± 2.0 V
Current output
Compliance voltage
Minimum Level
Source Accuracy
1 year, (23° C ± 5° C) 1,2,3
< 1.25 µA
4.2 V
10 nA
1% + 1%
< 12.5 µA
4.2 V
50 nA
1% + 1%
< 125 µA
4.2 V
100 nA
1% + 0.5%
< 1.25 mA
4.2 V
1 µA
1% + 0.5%
< 12.5 mA
1.2 V
10 µA
1% + 0.5%
1. Speciications are for one hour warm up, within one hour self-cal, slow AC ilter.
2. For temperatures outside the range of 23° C ± 5° C, but within 0° C to 50° C, add 0.1 × accuracy speciication per ° C.
3. Repetitive reading at an aperture of 133 ms or higher.
+I
20 mA
–20 mA
10 mA
–10 mA
–10 V
10 V
–5 V
5 V
–V
+V
Source
1st quadrant
Source 3rd
quadrant
Source DC vol
Measure DC current
–I
M9182A and M9183A Technical Speciications and Characteristics
(continued)


Similar Part No. - TS-8900

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
TS-8989 KEYSIGHT-TS-8989 Datasheet
678Kb / 2P
   PXI Functional Test System
More results

Similar Description - TS-8900

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
TS-5020 KEYSIGHT-TS-5020 Datasheet
665Kb / 9P
   TS-5020 Automotive Electronics Functional Test System
TS-5400 KEYSIGHT-TS-5400 Datasheet
980Kb / 15P
   TS-5400 Series II Automotive Electronics Functional Test System
TS-8989 KEYSIGHT-TS-8989 Datasheet
678Kb / 2P
   PXI Functional Test System
U8972A KEYSIGHT-U8972A Datasheet
713Kb / 22P
   TS-5400 High Performance PXI Functional Test System with Mac Panel Interface
N5972A KEYSIGHT-N5972A Datasheet
2Mb / 8P
   Interactive Functional Test Software
E6702G KEYSIGHT-E6702G Datasheet
2Mb / 8P
   Interactive Functional Test Software
E6708A KEYSIGHT-E6708A Datasheet
98Kb / 4P
   RF Parametric and Functional Test
logo
NTE Electronics
02-N101-1 NTE-02-N101-1 Datasheet
408Kb / 1P
   Automotive Electronics
logo
Hirose Electric
DF59 HIROSE-DF59 Datasheet
776Kb / 12P
   2mm Pitch, Multi Functional Connector System
logo
JFW Industries, Inc.
50PMA-012 JFW-50PMA-012 Datasheet
27Kb / 1P
   TRANSCEIVER TEST SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com