Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS-5040 Datasheet(PDF) 6 Page - Keysight Technologies

Part No. TS-5040
Description  TS-5000 Family
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

TS-5040 Datasheet(HTML) 6 Page - Keysight Technologies

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Safety & CE Compliance
Safety
IEC 61010-1 (1990)+A2: 1995/EN61010-1 : 1993+A2 : 1995
CSA C22.2 #1010.1 (1992)
UL 3111
EMC
CISPR 11: 1990/EN55011 1991: Group1, Class A
EN50082-1: 1992
IEC 61000-4-2: 1995/: 4kV CD
IEC 61000-4-3: 1995/: 3V/m
IEC 61000-4-4: 1995/: 1kV power line
06


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn