Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4082A Datasheet(PDF) 5 Page - Keysight Technologies

Part # 4082A
Description  Parametric Test System
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

4082A Datasheet(HTML) 5 Page - Keysight Technologies

  4082A Datasheet HTML 1Page - Keysight Technologies 4082A Datasheet HTML 2Page - Keysight Technologies 4082A Datasheet HTML 3Page - Keysight Technologies 4082A Datasheet HTML 4Page - Keysight Technologies 4082A Datasheet HTML 5Page - Keysight Technologies 4082A Datasheet HTML 6Page - Keysight Technologies 4082A Datasheet HTML 7Page - Keysight Technologies 4082A Datasheet HTML 8Page - Keysight Technologies 4082A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
05 | Keysight | 4082A Parametric Test System - Data Sheet
Switching matrix subsystem
Maximum DUT pins
48 output pins plus one pin for the prober chuck connection (triaxial connector).
Two types of DC switching matrix cards are available: standard low-current and
ultra-low current.
Maximum number of instrument ports
SMU port in test head
Eight SMUs + one GNDU
- Two ports for low-current measurement (Non-Kelvin)
- Four ports (Kelvin)
- Two ports (Non-Kelvin)
- One port for GNDU (Kelvin)
Auxiliary ports
Six for external instruments (Digital voltmeter, etc.) and two for HS-CMU or
E4980A
- Two triaxial input ports (Force/guard/common, AUX ports 1 and 2)
- Four BNC two-pair input ports (Force/common and sense/common,
AUX ports 3 to 6)
- Two BNC input ports (Force/common, AUX ports 7 and 8, connected to
HSCMU in default)
Extended path:
48 extended paths
The system provides one on/off relay for each path.
Maximum voltage at each port
SMU port in test head
±200 V
AUX port
±200 V (AUX ports 1 and 2)
±100 V (AUX ports 3 to 8)
Optional HF ports
±100 V (between force and common of each HF port)
±100 V (between two of forces of all HF ports)
±100 V (between any force of HF ports and any force of extended paths)
Extended path
±100 V (between force and common of each extended path)
±100 V (between any force of the optional HF ports and any force of extended paths)
Zero reference
±200 mV
Maximum current, port to DUT pin
SMU port in test head
±1.0 A
GNDU
±1.6 A
AUX port
±1.0 A
Optional HF ports
±0.5 A
Extended path
±0.5 A
Maximum residual resistance
Through AUX port
Low current port: Force 1.0 Ω
Kelvin port: Force 1.0 Ω, Sense 2.5 Ω
Non-Kelvin port: Force 1.0 Ω
Maximum stray capacitance between
DUT pins
3 pF (supplemental characteristics)
Isolation resistance
Low current (with guard): 1× 1015
Ω (supplemental characteristics)
Switching matrix subsystem


Similar Part No. - 4082A

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
4082 LEMO-4082 Datasheet
82Kb / 4P
   B - Indoor keyed
4082 LEMO-4082 Datasheet
91Kb / 4P
   B - Indoor keyed
4082 LEMO-4082 Datasheet
79Kb / 4P
   B - Indoor keyed
logo
New Jersey Semi-Conduct...
40820 NJSEMI-40820 Datasheet
88Kb / 1P
   MOSFET TRANSISTORS DUAL-GATE N-CHANNEL
40820 NJSEMI-40820 Datasheet
88Kb / 1P
   MOSFET TRANSISTORS DUAL-GATE N-CHANNEL
More results

Similar Description - 4082A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
4082F KEYSIGHT-4082F Datasheet
324Kb / 23P
   Flash Memory Cell Parametric Test System
U2941A KEYSIGHT-U2941A Datasheet
1Mb / 6P
   Parametric Test Fixture
logo
Sanyo Semicon Device
LC75281E SANYO-LC75281E Datasheet
176Kb / 10P
   Parametric Equalizer System
logo
Keysight Technologies
E6708A KEYSIGHT-E6708A Datasheet
98Kb / 4P
   RF Parametric and Functional Test
logo
Agilent(Hewlett-Packard...
N9201A HP-N9201A Datasheet
115Kb / 4P
   Array Structure Parametric Test Option
logo
Sanyo Semicon Device
LV3100M SANYO-LV3100M Datasheet
425Kb / 9P
   Parametric Equalizer
logo
JFW Industries, Inc.
50PMA-012 JFW-50PMA-012 Datasheet
27Kb / 1P
   TRANSCEIVER TEST SYSTEM
50PMA-114 JFW-50PMA-114 Datasheet
32Kb / 2P
   TRANSCEIVER TEST SYSTEM
50PA-825 JFW-50PA-825 Datasheet
32Kb / 2P
   HANDOVER TEST SYSTEM
50PA-836 JFW-50PA-836 Datasheet
32Kb / 2P
   HANDOVER TEST SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com