Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR92P Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFR92P
Description  Low Noise Silicon Bipolar RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR92P Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFR92P_13 Datasheet HTML 1Page - Infineon Technologies AG BFR92P_13 Datasheet HTML 2Page - Infineon Technologies AG BFR92P_13 Datasheet HTML 3Page - Infineon Technologies AG BFR92P_13 Datasheet HTML 4Page - Infineon Technologies AG BFR92P_13 Datasheet HTML 5Page - Infineon Technologies AG BFR92P_13 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2013-11-21
1
BFR92P
Low Noise Silicon Bipolar RF Transistor
• For broadband amplifiers up to 2 GHz and
fast non-saturated switches at collector currents
from 0.5 mA to 20 mA
• Pb-free (RoHS compliant) package
• Qualification report according to AEC-Q101 available
ESD
(Electrostatic discharge) sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFR92P
GFs
1=B
2=E
3=C
SOT23
Maximum Ratings
at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
15
V
Collector-emitter voltage
VCES
20
Collector-base voltage
VCBO
20
Emitter-base voltage
VEBO
2.5
Collector current
IC
45
mA
Base current
IB
4
Total power dissipation1)
TS ≤ 93 °C
Ptot
280
mW
Junction temperature
TJ
150
°C
Storage temperature
TStg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point2)
RthJS
205
K/W
1TS is measured on the collector lead at the soldering point to the pcb
2For the definition of RthJS please refer to Application Note AN077 (Thermal Resistance Calculation)


Similar Part No. - BFR92P_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR92P INFINEON-BFR92P_07 Datasheet
142Kb / 7P
   NPN Silicon RF Transistor
2007-04-26
More results

Similar Description - BFR92P_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFP520F INFINEON-BFP520F_13 Datasheet
537Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP410 INFINEON-BFP410_13 Datasheet
579Kb / 8P
   Low Noise Silicon Bipolar RF Transistor
2013-08-16
BFP196W INFINEON-BFP196W_14 Datasheet
552Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFR193F INFINEON-BFR193F_13 Datasheet
542Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-07
BFR35AP INFINEON-BFR35AP_13 Datasheet
602Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-21
BFP520 INFINEON-BFP520_15 Datasheet
576Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2015-10-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com