Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN501 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # AN501
Description  The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AN501 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button AN501 Datasheet HTML 3Page - Vishay Siliconix AN501 Datasheet HTML 4Page - Vishay Siliconix AN501 Datasheet HTML 5Page - Vishay Siliconix AN501 Datasheet HTML 6Page - Vishay Siliconix AN501 Datasheet HTML 7Page - Vishay Siliconix AN501 Datasheet HTML 8Page - Vishay Siliconix AN501 Datasheet HTML 9Page - Vishay Siliconix AN501 Datasheet HTML 10Page - Vishay Siliconix AN501 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AN501
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
6-8
Document Number: 70608
03-Aug-99
FSK
Frequency shift keying (FSK), commonly used in data
transmission networks, relies on representing the digital code
with frequency sine wave bursts. An FSK multiplexing system
block diagram is shown in Figure 14. Each digital level has a
specific signal frequency. The DG535/536 can be used to
multiplex
16
different
digital
channels
into
a
single
transmission line or into a transmitter. Similarly, a DG535/536
may be used to demultiplex the data at the receiving end.
Since the device can manipulate higher frequency sine waves,
data can be transmitted at a higher rate than with a
conventional multiplexer.
PCM
A more commonly used and faster form of digital data
transmission is known as PCM (pulse coded modulation).
Used in telecommunications systems, PCM converts analog
speech signals into 8-bit digital words for serial transmission.
The data transfer rate used (for 4 kHz bandwidth voice signals)
is up to 274.176 Mbps.
The DG535/536 can be used to route PCM signals in main
telephone exchanges, replacing bulky hard-wired distribution
frames. PCM highways can thus be rerouted remotely, under
computer control, rather than manually.
RZ (returns to zero) PCM data consists of three discrete
(ternary) levels to overcome long periods of zeroes (Figure
13). Digital signals can degrade beyond legibility after only a
few hundred yards of travel down a transmission line.
Therefore, the PCM signals must be regenerated at regular
distances to avoid excessive distortion.
Figure 16 shows the architecture of a conventional binary
distribution
frame
in
a
telephone
exchange.
Signal
regeneration is applied to handle degradation during
transmission and routing. Code converters are required to
change the ternary PCM into binary PCM for routing within the
distribution frame. Similarly, code converters are required to
reconvert the binary PCM into ternary PCM for transmission.
Unlike digital switches which require specific digital signals,
using the DG535/536 in the distribution frame (Figure 17)
eliminates the need for code conversion and meticulous
regeneration because it can handle analog signals.
Programmable Gain Video Amplifier
The circuit shown in Figure 19 uses the DG536 as a binary
gain select for a video/wideband op-amp (CLC410).
The gain of the Si582 is set by:
A
V + 1 )
R
f
Rg
For example, listed below in Table 2 are the results when Rf
= 470
W.
TABLE 2.
Gains For The Circuit of Figure 19
Logic Input
Rg
Gain (AV)
0000
47 k
W
1.0
0001
4.7 k
W
1.1
0010
2.4 k
W
1.2
0011
1.6 k
W
1.3
The low on-resistance of the DG535/536 gives good gain
stability, and the resistor tolerances mainly determine the gain
error of the circuit.
The wideband qualities of the CLC410 allows this circuit to be
employed for digital level correction in any video systems
including broadest quality specifications.
Digital
Input
Channels
e.g. 1011
FSK Output
Address
Bus
Output
to Transmission
Line or
Transmitter
Input
Stage
FSK
Generator
FSK
Generator
FSK
Generator
FSK
Generator
D
Frequency
Synthesizer
S1
S2
S3
S16
A0 to A3
DG535/
(f0)
(f1)
Binary
PCM
a) Analog voice signal converted to digital signal using
8 bits per sample
b)
Digital signal transmitted and clock regenerated
from digital signal to get synchronization
Ternary
PCM
FIGURE 14. FSK Multiplexing System Block Diagram
FIGURE 15.
DG536


Similar Part No. - AN501

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AN501 STANLEY-AN501 Datasheet
246Kb / 4P
   THROUGH-HOLE SHAPE - INFRARED LED
logo
List of Unclassifed Man...
AN5010 ETC-AN5010 Datasheet
294Kb / 6P
   TV ELECTRONIC CHANNEL SELECTION CIRCUIT
More results

Similar Description - AN501

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
ALPS ELECTRIC CO.,LTD.
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
RK09L ALPS-RK09L_15 Datasheet
972Kb / 6P
   Single-unit and dual-unit types suit a variety of controls
logo
Omron Electronics LLC
E52-P10AE OMRON-E52-P10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
logo
PHOENIX CONTACT
2719629 PHOENIX-2719629 Datasheet
66Kb / 4P
   The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
PHOENIX CONTACT
2722771 PHOENIX-2722771 Datasheet
67Kb / 4P
   The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
2725888 PHOENIX-2725888 Datasheet
64Kb / 4P
   The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
logo
Rochester Electronics
CLC425A ROCHESTER-CLC425A Datasheet
609Kb / 1P
   ULTRA LOW NOISE OP AMP with a wide variety of applications Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com