Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1501VN Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # ACE1501VN
Description  ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1501VN Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button ACE1501VN Datasheet HTML 7Page - Fairchild Semiconductor ACE1501VN Datasheet HTML 8Page - Fairchild Semiconductor ACE1501VN Datasheet HTML 9Page - Fairchild Semiconductor ACE1501VN Datasheet HTML 10Page - Fairchild Semiconductor ACE1501VN Datasheet HTML 11Page - Fairchild Semiconductor ACE1501VN Datasheet HTML 12Page - Fairchild Semiconductor ACE1501VN Datasheet HTML 13Page - Fairchild Semiconductor ACE1501VN Datasheet HTML 14Page - Fairchild Semiconductor ACE1501VN Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
www.fairchildsemi.com
ACE1501 Product Family Rev. 1.1
Table 9. Instruction Cycles and Bytes
Mnemonic
Operand
Bytes
Cycles
Flags
affected
ADC
A, [X]
1
1
C,H,Z,N
ADC
A, [#,X]
2
3
C,H,Z,N
ADC
A, M
2
2
C,H,Z,N
ADC
A, #
2
2
C,H,Z,N
ADD
A, [X]
1
1
Z,N
ADD
A, [#,X]
2
3
Z,N
ADD
A, M
2
2
Z,N
ADD
A, #
2
2
Z,N
AND
A, [X]
1
1
Z,N
AND
A, [#,X]
2
3
Z,N
AND
A, M
2
2
Z,N
AND
A, #
2
2
Z,N
CLR
X
1
1
Z
CLR
A
1
1
C,H,Z,N
CLR
M
2
1
C,H,Z,N
DEC
X
1
1
Z
DEC
A
1
1
Z,N
DEC
M
2
2
Z,N
IFBIT
#, A
1
1
None
IFBIT
#, M
2
2
None
IFBIT
#, [X]
1
1
None
IFC
1
1
None
IFEQ
A, [#, X]
2
3
None
IFEQ
A, [X]
1
1
None
IFEQ
A, #
2
2
None
IFEQ
A, M
2
2
None
IFEQ
M, #
3
3
None
IFEQ
X, #
3
3
None
IFGT
A, [#, X]
2
3
None
IFGT
A, [X]
1
1
None
IFGT
A, #
2
2
None
IFGT
A, M
2
2
None
IFGT
X, #
3
3
None
IFLT
X, #
3
3
None
IFNBIT
#, A
1
1
None
IFNBIT
#, M
2
2
None
IFNBIT
#, [X]
1
1
None
IFNC
1
1
None
IFNE
A, [#, X]
2
3
None
IFNE
A, [X]
1
1
None
IFNE
A, #
2
2
None
IFNE
A, M
2
2
None
IFNE
X, #
3
3
None
IFNE
M, #
3
3
None
INC
A
1
1
Z,N
INC
M
2
2
Z,N
Mnemonic
Operand
Bytes
Cycles
Flags
affected
INC
X
1
1
Z
INTR
1
5
None
INVC
1
1
C
JMP
M
3
4
None
JMP
[#, X]
2
3
None
JP
1
1
None
JSR
M
3
5
None
JSR
[#, X]
2
5
None
LD
A, #
2
2
None
LD
A, [#,X]
2
3
None
LD
A, [X]
1
1
None
LD
A, M
2
2
None
LD
M, #
3
3
None
LD
M, M
3
3
None
LD
X, #
3
3
None
LDC
#, M
2
2
C
NOP
1
1
None
OR
A, [X]
1
1
Z, N
OR
A, [#,X]
2
3
Z,N
OR
A, M
2
2
Z,N
OR
A, #
2
2
Z,N
RBIT
#, [X]
1
2
Z,N
RBIT
#, M
2
2
Z,N
RC
1
1
C,H
RET
1
5
None
RETI
1
5
None
RLC
A
1
1
C,Z,N
RLC
M
2
2
C,Z,N
RRC
A
1
1
C,Z,N
RRC
M
2
2
C,Z,N
SBIT
#, [X]
1
2
Z,N
SBIT
#, M
2
2
Z,N
SC
1
1
C,H
ST
A, [#,X]
2
3
None
ST
A, [X]
1
1
None
ST
A, M
2
2
None
STC
#, M
2
2
Z,N
SUBC
A, [X]
1
1
C,H,Z,N
SUBC
A, [#,X]
2
3
C,H,Z,N
SUBC
A, M
2
2
C,H,Z,N
SUBC
A, #
2
2
C,H,Z,N
XOR
A, [X]
1
1
Z,N
XOR
A, [#,X]
2
3
Z,N
XOR
A, M
2
2
Z,N
XOR
A, #
2
2
Z,N


Similar Part No. - ACE1501VN

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE150112FM+H ACE-ACE150112FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150133FM+H ACE-ACE150133FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150150FM+H ACE-ACE150150FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE1501ADJFM+H ACE-ACE1501ADJFM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
More results

Similar Description - ACE1501VN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
logo
Altera Corporation
EP1K50TC144-3N ALTERA-EP1K50TC144-3N Datasheet
1Mb / 86P
   ACEX 1K Programmable Logic Device Family
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com