Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS5S1153 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NS5S1153
Description  USB 2.0 High Speed and Audio Switch with Negative Swing Capability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NS5S1153 Datasheet(HTML) 1 Page - ON Semiconductor

  NS5S1153 Datasheet HTML 1Page - ON Semiconductor NS5S1153 Datasheet HTML 2Page - ON Semiconductor NS5S1153 Datasheet HTML 3Page - ON Semiconductor NS5S1153 Datasheet HTML 4Page - ON Semiconductor NS5S1153 Datasheet HTML 5Page - ON Semiconductor NS5S1153 Datasheet HTML 6Page - ON Semiconductor NS5S1153 Datasheet HTML 7Page - ON Semiconductor NS5S1153 Datasheet HTML 8Page - ON Semiconductor NS5S1153 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2011
August, 2016 − Rev. 3
1
Publication Order Number:
NS5S1153/D
NS5S1153
USB 2.0 High Speed and
Audio Switch with Negative
Swing Capability
The NS5S1153 is a DPDT switch for combined true−ground audio
and USB 2.0 high speed data applications. It allows portable systems
to use a single port to pass either USB data or audio signals from an
external headset; headset; the 2 channels being compliant to USB 2.0,
USB 1.1 and USB 1.0.
The switch is capable of passing signals with negative voltages as
low as 2 V below ground. The device features shunt resistors on the
audio ports. These resistors are switched in when the audio channel is
off and provide a safe path to ground for any charge that may build up
on the audio lines. This reduces Pop & Click noise in the audio system.
The NS5S1153 is also equipped with VBUS detection circuitry to
immediately switch to USB mode in the event that a voltage is
detected on VBUS.
The NS5S1153 is housed in a space saving, ultra low profile 1.4 x
1.8 x 0.5 mm 10 pin UQFN package.
Features
2:1 High Speed Switch
USB 2.0, USB 1.1 & USB 1.0 Capable on all channels
High Bandwidth of 820 MHz on D+/D−
Capable of Passing Negative Swing Signals Down to −2 V on R/L
Channel
1.8 V Compatible Control Pin & VBUS Detection Circuitry for
Automatic Switching
Audio Channel Shunt Resistors for Pop & Click Noise Reduction
Ultra−Low THD in Audio Mode: 0.01% into 16 W Load
5.25 V Tolerant Common Pins
This is a Pb−Free Device
Typical Applications
Micro or Mini USB Applications
Shared High Speed Data or Audio on a Single Connector
Mobile Phones
Tablets
Bar Code Scanners
Portable Devices
NS5S1153
USB/
UART
USB/
UART/
Audio
USB
Connector
GND
COM−
COM+
VBUS_CTRL
L
R
D−
D+
Figure 1. Application Diagram
www.onsemi.com
www.onsemi.com
AJ
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING
DIAGRAMS
UQFN10
CASE 488AT
AJM
G
G
1
Device
Package
Shipping
ORDERING INFORMATION
NS5S1153MUTAG
UQFN10
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - NS5S1153

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS5S1153 ONSEMI-NS5S1153 Datasheet
306Kb / 9P
   DPDT USB 2.0 High Speed / Audio Switch with Negative Swing Capability
December, 2009 ??Rev. 0
NS5S1153MUTAG ONSEMI-NS5S1153MUTAG Datasheet
306Kb / 9P
   DPDT USB 2.0 High Speed / Audio Switch with Negative Swing Capability
December, 2009 ??Rev. 0
More results

Similar Description - NS5S1153

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN1154 ONSEMI-NCN1154 Datasheet
369Kb / 8P
   DP3T USB 2.0 High Speed / Audio Switch with Negative Swing Capability
June, 2010 ??Rev. 1
NS5S1153 ONSEMI-NS5S1153 Datasheet
306Kb / 9P
   DPDT USB 2.0 High Speed / Audio Switch with Negative Swing Capability
December, 2009 ??Rev. 0
NCN1154 ONSEMI-NCN1154_11 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
May, 2011 ??Rev. 3
NCN1154 ONSEMI-NCN1154_15 Datasheet
377Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
April, 2015 ??Rev. 5
NCN1154 ONSEMI-NCN1154_12 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
June, 2011 ??Rev. 4
logo
Toshiba Semiconductor
TCUA231WBG TOSHIBA-TCUA231WBG Datasheet
220Kb / 11P
   USB 2.0 High-Speed, UART, and Audio Switch with Negative Signal Capability
logo
Pericom Semiconductor C...
PI3USB223 PERICOM-PI3USB223 Datasheet
942Kb / 10P
   USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
logo
NXP Semiconductors
NX5L2750C PHILIPS-NX5L2750C_15 Datasheet
161Kb / 16P
   Analog switch with negative swing audio capability
Rev. 2-7 May 2014
NX5L2750CGU NXP-NX5L2750CGU Datasheet
238Kb / 16P
   Analog switch with negative swing audio capability
Rev.2.1-12February2020
logo
Maxim Integrated Produc...
MAX14508E MAXIM-MAX14508E Datasheet
1Mb / 14P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability
19-4136; Rev 3; 11/17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com