Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAST4051 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLAST4051
Description  Analog Multiplexer/ Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAST4051 Datasheet(HTML) 5 Page - ON Semiconductor

  NLAST4051 Datasheet HTML 1Page - ON Semiconductor NLAST4051 Datasheet HTML 2Page - ON Semiconductor NLAST4051 Datasheet HTML 3Page - ON Semiconductor NLAST4051 Datasheet HTML 4Page - ON Semiconductor NLAST4051 Datasheet HTML 5Page - ON Semiconductor NLAST4051 Datasheet HTML 6Page - ON Semiconductor NLAST4051 Datasheet HTML 7Page - ON Semiconductor NLAST4051 Datasheet HTML 8Page - ON Semiconductor NLAST4051 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NLAST4051
www.onsemi.com
5
TYPICAL CHARACTERISTICS
VIS (VDC)
Temperature (
°C)
Figure 3. ICC versus Temp, VCC = 3 V and 5 V
−40
60
80
20
0
100
−20
120
VCC = 3.0 V
VCC = 5.0 V
10
1
0.1
100
0.01
0.001
0.0001
0.00001
Figure 4. RON versus VCC, Temp = 255C
Figure 5. Typical On Resistance
VCC = 2.0 V, VEE = 0 V
Figure 6. Typical On Resistance
VCC = 3.0 V, VEE = 0 V
Figure 7. Typical On Resistance
VCC = 4.5 V, VEE = 0 V
Figure 8. Typical On Resistance
VCC = 5.5 V, VEE = 0 V
−4.0
4.0
6.0
2.0
0
−2.0
80
60
40
100
20
0
2.0 V
3.0 V
4.5 V
$3.3 V
5.5 V
0
10
20
30
40
50
0
0.5
1.0
1.5
2.0
2.5
3.0
125
°C
85
°C
25
°C
−55
°C
VCom (V)
5
10
15
20
25
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
0
VCom (V)
0
5
10
15
25
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
125
°C
85
°C
25
°C
−55
°C
−55
°C
125
°C
85
°C
25
°C
VCom (V)
20
VCom (V)
40
30
20
50
10
0
2.0
1.5
1.0
0.5
125
°C
85
°C
25
°C
−55
°C
90
80
70
100
60


Similar Part No. - NLAST4051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAST4051 ONSEMI-NLAST4051 Datasheet
126Kb / 16P
   Analog Multiplexer/ Demultiplexer
June, 2002 ??Rev. 2
NLAST4051 ONSEMI-NLAST4051 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
NLAST4051D ONSEMI-NLAST4051D Datasheet
126Kb / 16P
   Analog Multiplexer/ Demultiplexer
June, 2002 ??Rev. 2
NLAST4051DR2 ONSEMI-NLAST4051DR2 Datasheet
126Kb / 16P
   Analog Multiplexer/ Demultiplexer
June, 2002 ??Rev. 2
NLAST4051DR2 ONSEMI-NLAST4051DR2 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
More results

Similar Description - NLAST4051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com