Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS5157 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLAS5157
Description  Ultra-Low 0.4 ohm SPDT Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS5157 Datasheet(HTML) 1 Page - ON Semiconductor

  NLAS5157 Datasheet HTML 1Page - ON Semiconductor NLAS5157 Datasheet HTML 2Page - ON Semiconductor NLAS5157 Datasheet HTML 3Page - ON Semiconductor NLAS5157 Datasheet HTML 4Page - ON Semiconductor NLAS5157 Datasheet HTML 5Page - ON Semiconductor NLAS5157 Datasheet HTML 6Page - ON Semiconductor NLAS5157 Datasheet HTML 7Page - ON Semiconductor NLAS5157 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2014
February, 2014 − Rev. 2
1
Publication Order Number:
NLAS5157/D
NLAS5157
Ultra-Low 0.4 W SPDT
Analog Switch
The NLAS5157 is Single Pole Double Throw (SPDT) switch
designed for audio systems in portable applications. The NLAS5157
features Ultra−Low RON of 0.4 W typical at VCC = 3.0 V and 0.15 W
RON Flatness for +3.0 V supply across temperature. This device also
has a broad VCC operating range of 1.65 V to 4.5 V, ideal for
battery−powered devices.
The NLAS5157 is protected on all pins with 8 kV
Human Body Model ESD protection. This allows the device to be
placed in a variety of locations, including near the interface, without
risk of damage.
Features
RON = 0.4 W Typical @ VCC = 3.0 V
VCC Range: 1.65 V to 4.5 V
8 kV Human Body Model ESD on All Pins
These are Pb−Free Devices
Typical Applications
Mobile Phones
Portable Devices
http://onsemi.com
6
5
4
1
2
3
(Top View)
NO
GND
NC
IN
VCC
COM
PIN ASSIGNMENTS
MARKING
DIAGRAM
1
UDFN6
CASE 517AQ
A
= Specific Device Code*
(Rotated 90°)
M
= Date Code
M
Device
Package
Shipping
ORDERING INFORMATION
NLAS5157MUTCG
UDFN6
(Pb−Free)
3000 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - NLAS5157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5157 ONSEMI-NLAS5157 Datasheet
140Kb / 8P
   Ultra-Low 0.4  SPDT Analog Switch
February, 2009 ??Rev. 1
NLAS5157MUTCG ONSEMI-NLAS5157MUTCG Datasheet
140Kb / 8P
   Ultra-Low 0.4  SPDT Analog Switch
February, 2009 ??Rev. 1
More results

Similar Description - NLAS5157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5157 ONSEMI-NLAS5157 Datasheet
140Kb / 8P
   Ultra-Low 0.4  SPDT Analog Switch
February, 2009 ??Rev. 1
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2531 VISHAY-DG2531 Datasheet
119Kb / 8P
   0.4-ohm Low-Voltage Dual SPDT Analog Switch
Rev. B, 16-Jan-06
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_06 Datasheet
115Kb / 11P
   Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
logo
SG Micro Corp
SGM2268 SGMICRO-SGM2268 Datasheet
403Kb / 10P
   0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268 Datasheet
658Kb / 11P
   0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
ON Semiconductor
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
   0.4廓 Low Voltage SPDT Analog Switch
FSA5157 FAIRCHILD-FSA5157_08 Datasheet
548Kb / 12P
   0.4廓 Low-Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com