Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS4684FCT1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NLAS4684FCT1G
Description  Ultra-Low Resistance Dual SPDT Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4684FCT1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLAS4684FCT1G Datasheet HTML 5Page - ON Semiconductor NLAS4684FCT1G Datasheet HTML 6Page - ON Semiconductor NLAS4684FCT1G Datasheet HTML 7Page - ON Semiconductor NLAS4684FCT1G Datasheet HTML 8Page - ON Semiconductor NLAS4684FCT1G Datasheet HTML 9Page - ON Semiconductor NLAS4684FCT1G Datasheet HTML 10Page - ON Semiconductor NLAS4684FCT1G Datasheet HTML 11Page - ON Semiconductor NLAS4684FCT1G Datasheet HTML 12Page - ON Semiconductor NLAS4684FCT1G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NLAS4684
http://onsemi.com
9
Figure 15. NC On−Resistance versus
COM Voltage
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.0
0.5
1.0
1.5
2.0
2.5
Figure 16. NO On−Resistance versus
COM Voltage
VCOM (V)
+85°C
+25°C
−40°C
0.1
0.3
0.5
0.7
0.9
1.1
1.3
0.0
1.0
2.0
3.0
4.0
5.0
−40°C
+25°C
+85°C
Figure 17. NC On−Resistance versus
COM Voltage
VCOM (V)
0
0.5
1
1.5
2
2.5
3
0.0
1.0
2.0
3.0
4.0
5.0
5.0 V
1.8 V
2.0 V
2.3 V
2.5 V
2.7 V
3.0 V
Figure 18. NO On−Resistance versus
COM Voltage
VCOM (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0.0
1.0
2.0
3.0
4.0
5.0
2.5 V
5.0 V
1.8 V
2.0 V
2.3 V
2.7 V
3.0 V
Figure 19. NC On−Resistance versus
COM Voltage
VCOM (V)
VCC = 2.5 V
ICOM = 100 mA
VCC = 2.5 V
ICOM = 100 mA
TA = +25°C
ICOM = 100 mA
TA = +25°C
ICOM = 100 mA
Figure 20. NC On−Resistance versus
COM Voltage
0.1
0.15
0.2
0.25
0.3
0.35
0.0
1.0
2.0
3.0
VCC = 3 V
ICOM = 100 mA
VCOM (V)
+85°C
+25°C
−40°C
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.0
1.0
2.0
3.0
+85°C +25°C
−40°C
VCOM (V)
VCC = 3 V
ICOM = 100 mA


Similar Part No. - NLAS4684FCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4684FCT1G ONSEMI-NLAS4684FCT1G Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
More results

Similar Description - NLAS4684FCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4684 ONSEMI-NLAS4684 Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4685 ONSEMI-NLAS4685 Datasheet
93Kb / 10P
   Ultra-Low Resistance Dual SPDT Analog Switch
August, 2005 ??Rev. 2
NS5A4684SMNTBG ONSEMI-NS5A4684SMNTBG Datasheet
139Kb / 8P
   Ultra-Low Resistance Dual SPDT Analog Switch
March, 2013 ??Rev. 1
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223_15 Datasheet
326Kb / 11P
   Ultra Low ON-Resistance Dual SPDT Analog Switch
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268_16 Datasheet
506Kb / 11P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
SG Micro Corp
SGM2267 SGMICRO-SGM2267 Datasheet
362Kb / 12P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4714 AITSEMI-A4714 Datasheet
572Kb / 9P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE LOW VOLTAGE
REV1.1
A4716 AITSEMI-A4716 Datasheet
590Kb / 10P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE, LOW VOLTAGE
REV1.0
logo
SG Micro Corp
SGM3005 SGMICRO-SGM3005 Datasheet
547Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com