Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS4684 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLAS4684
Description  Ultra-Low Resistance Dual SPDT Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4684 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NLAS4684 Datasheet HTML 3Page - ON Semiconductor NLAS4684 Datasheet HTML 4Page - ON Semiconductor NLAS4684 Datasheet HTML 5Page - ON Semiconductor NLAS4684 Datasheet HTML 6Page - ON Semiconductor NLAS4684 Datasheet HTML 7Page - ON Semiconductor NLAS4684 Datasheet HTML 8Page - ON Semiconductor NLAS4684 Datasheet HTML 9Page - ON Semiconductor NLAS4684 Datasheet HTML 10Page - ON Semiconductor NLAS4684 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NLAS4684
http://onsemi.com
7
Channel switch control/s test socket is normalized. Off isolation is measured across an off channel. On loss is
the bandwidth of an On switch. VISO, Bandwidth and VONL are independent of the input signal direction.
VISO = Off Channel Isolation = 20 Log
for VIN at 100 kHz
VONL = On Channel Loss = 20 Log
for VIN at 100 kHz to 50 MHz
Bandwidth (BW) = the frequency 3 dB below VONL
VCT = Use VISO setup and test to all other switch analog input/outputs terminated with 50 W
Output
DUT
Input
50 W
50 W Generator
Reference
Transmitted
Figure 6. Off Channel Isolation/On Channel Loss (BW)/Crosstalk
(On Channel to Off Channel)/VONL
50 W
VOUT
VIN
VOUT
VIN
Off
On
Off
DVOUT
VCC
GND
Output
VIN
CL
DUT
Figure 7. Charge Injection: (Q)
VIN
Open
Output
Figure 8. Total Harmonic Distortion Plus Noise Versus Frequency
0.01
0.1
1
10
1
10
100
1000
10000
100000
FREQUENCY (Hz)
NC1
NO1


Similar Part No. - NLAS4684

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4684 ONSEMI-NLAS4684 Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4684FCT1 ONSEMI-NLAS4684FCT1 Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4684FCT1G ONSEMI-NLAS4684FCT1G Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4684MNR2 ONSEMI-NLAS4684MNR2 Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4684MNR2G ONSEMI-NLAS4684MNR2G Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
More results

Similar Description - NLAS4684

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4684 ONSEMI-NLAS4684 Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4685 ONSEMI-NLAS4685 Datasheet
93Kb / 10P
   Ultra-Low Resistance Dual SPDT Analog Switch
August, 2005 ??Rev. 2
NS5A4684SMNTBG ONSEMI-NS5A4684SMNTBG Datasheet
139Kb / 8P
   Ultra-Low Resistance Dual SPDT Analog Switch
March, 2013 ??Rev. 1
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223_15 Datasheet
326Kb / 11P
   Ultra Low ON-Resistance Dual SPDT Analog Switch
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268_16 Datasheet
506Kb / 11P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
SG Micro Corp
SGM2267 SGMICRO-SGM2267 Datasheet
362Kb / 12P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4714 AITSEMI-A4714 Datasheet
572Kb / 9P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE LOW VOLTAGE
REV1.1
A4716 AITSEMI-A4716 Datasheet
590Kb / 10P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE, LOW VOLTAGE
REV1.0
logo
SG Micro Corp
SGM3005 SGMICRO-SGM3005 Datasheet
547Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com