Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS4599DFT2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NLAS4599DFT2G
Description  Low Voltage Single Supply SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4599DFT2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NLAS4599DFT2G Datasheet HTML 3Page - ON Semiconductor NLAS4599DFT2G Datasheet HTML 4Page - ON Semiconductor NLAS4599DFT2G Datasheet HTML 5Page - ON Semiconductor NLAS4599DFT2G Datasheet HTML 6Page - ON Semiconductor NLAS4599DFT2G Datasheet HTML 7Page - ON Semiconductor NLAS4599DFT2G Datasheet HTML 8Page - ON Semiconductor NLAS4599DFT2G Datasheet HTML 9Page - ON Semiconductor NLAS4599DFT2G Datasheet HTML 10Page - ON Semiconductor NLAS4599DFT2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
NLAS4599
http://onsemi.com
11
PACKAGE DIMENSIONS
TSOP−6
CASE 318G−02
ISSUE S
23
4
5
6
D
1
e
b
E
A1
A
0.05 (0.002)
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS OF
BASE MATERIAL.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
c
L
0.95
0.037
1.9
0.075
0.95
0.037
mm
inches
SCALE 10:1
1.0
0.039
2.4
0.094
0.7
0.028
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
HE
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
0.90
1.00
1.10
0.035
INCHES
A1
0.01
0.06
0.10
0.001
b
0.25
0.38
0.50
0.010
c
0.10
0.18
0.26
0.004
D
2.90
3.00
3.10
0.114
E
1.30
1.50
1.70
0.051
e
0.85
0.95
1.05
0.034
L
0.20
0.40
0.60
0.008
0.039
0.043
0.002
0.004
0.014
0.020
0.007
0.010
0.118
0.122
0.059
0.067
0.037
0.041
0.016
0.024
NOM
MAX
2.50
2.75
3.00
0.099
0.108
0.118
HE
0
°
10°
0
°
10°
q
q
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
NLAS4599/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NLAS4599DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4599DFT2G ONSEMI-NLAS4599DFT2G Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
More results

Similar Description - NLAS4599DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAST4599 ONSEMI-NLAST4599_17 Datasheet
133Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
August, 2017 ??Rev. 9
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
NLAS4599 ONSEMI-NLAS4599 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
logo
Intersil Corporation
ISL43210 INTERSIL-ISL43210_07 Datasheet
304Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL43210 RENESAS-ISL43210 Datasheet
625Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4599 MAXIM-MAX4599 Datasheet
128Kb / 8P
   Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
Rev 0; 2/00
MAX4599EUT MAXIM-MAX4599EUT Datasheet
263Kb / 9P
   Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
Rev 2; 2/04
MAX4736 MAXIM-MAX4736 Datasheet
332Kb / 11P
   0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
Rev 0; 4/02
logo
Intersil Corporation
ISL43210A INTERSIL-ISL43210A Datasheet
556Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com