Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS4684 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLAS4684
Description  Ultra-Low Resistance Dual SPDT Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4684 Datasheet(HTML) 1 Page - ON Semiconductor

  NLAS4684_08 Datasheet HTML 1Page - ON Semiconductor NLAS4684_08 Datasheet HTML 2Page - ON Semiconductor NLAS4684_08 Datasheet HTML 3Page - ON Semiconductor NLAS4684_08 Datasheet HTML 4Page - ON Semiconductor NLAS4684_08 Datasheet HTML 5Page - ON Semiconductor NLAS4684_08 Datasheet HTML 6Page - ON Semiconductor NLAS4684_08 Datasheet HTML 7Page - ON Semiconductor NLAS4684_08 Datasheet HTML 8Page - ON Semiconductor NLAS4684_08 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2008
September, 2008 − Rev. 20
1
Publication Order Number:
NLAS4684/D
NLAS4684
Ultra-Low Resistance
Dual SPDT Analog Switch
The NLAS4684 is an advanced CMOS analog switch fabricated in
Sub−micron silicon gate CMOS technology. The device is a dual
Independent Single Pole Double Throw (SPDT) switch featuring
Ultra−Low RON of 0.5 W, for the Normally Closed (NC) switch, and
0.8
W for the Normally Opened switch (NO) at 2.7 V.
The part also features guaranteed Break Before Make switching,
assuring the switches never short the driver.
The NLAS4684 is available in a 2.0 x 1.5 mm bumped die array.
The pitch of the solder bumps is 0.5 mm for easy handling.
Features
Ultra−Low RON, t0.5 W at 2.7 V
Threshold Adjusted to Function with 1.8 V Control at
VCC = 2.7−3.3 V
Single Supply Operation from 1.8−5.5 V
Tiny 2 x 1.5 mm Bumped Die
Low Crosstalk, t 83 dB at 100 kHz
Full 0−VCC Signal Handling Capability
High Isolation, −65 dB at 100 kHz
Low Standby Current, t50 nA
Low Distortion, t0.14% THD
RON Flatness of 0.15 W
Pin for Pin Replacement for MAX4684
High Continuous Current Capability
$300 mA Through Each Switch
Large Current Clamping Diodes at Analog Inputs
$300 mA Continuous Current Capability
Pb−Free Packages are Available
Applications
Cell Phone
Speaker Switching
Power Switching
Modems
Automotive
http://onsemi.com
MARKING
DIAGRAMS
Microbump−10
CASE 489AA
A1
DFN10
CASE 485C
NLAS
4684
ALYWG
G
1
1
A
= Assembly Location
L
= Wafer Lot
Y
= Year
WW, W = Work Week
G
= Pb−Free Package
4684
AYWG
G
Micro10
CASE 846B
A1
4684
AYWWG
G
1
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
FUNCTION TABLE
0
1
IN 1, 2
NO 1, 2
NC 1, 2
OFF
ON
ON
OFF
(Note: Microdot may be in either location)


Similar Part No. - NLAS4684_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4684FCT1 ONSEMI-NLAS4684FCT1 Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4684FCT1G ONSEMI-NLAS4684FCT1G Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4684MNR2 ONSEMI-NLAS4684MNR2 Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4684MNR2G ONSEMI-NLAS4684MNR2G Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4684MR2 ONSEMI-NLAS4684MR2 Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
More results

Similar Description - NLAS4684_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4684 ONSEMI-NLAS4684 Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4685 ONSEMI-NLAS4685 Datasheet
93Kb / 10P
   Ultra-Low Resistance Dual SPDT Analog Switch
August, 2005 ??Rev. 2
NS5A4684SMNTBG ONSEMI-NS5A4684SMNTBG Datasheet
139Kb / 8P
   Ultra-Low Resistance Dual SPDT Analog Switch
March, 2013 ??Rev. 1
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223_15 Datasheet
326Kb / 11P
   Ultra Low ON-Resistance Dual SPDT Analog Switch
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268_16 Datasheet
506Kb / 11P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
SG Micro Corp
SGM2267 SGMICRO-SGM2267 Datasheet
362Kb / 12P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4714 AITSEMI-A4714 Datasheet
572Kb / 9P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE LOW VOLTAGE
REV1.1
A4716 AITSEMI-A4716 Datasheet
590Kb / 10P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE, LOW VOLTAGE
REV1.0
logo
SG Micro Corp
SGM3005 SGMICRO-SGM3005 Datasheet
547Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com