Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS3799BMUR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NLAS3799BMUR2G
Description  Dual DPDT Ultra-Low RON Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3799BMUR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NLAS3799BMUR2G Datasheet HTML 4Page - ON Semiconductor NLAS3799BMUR2G Datasheet HTML 5Page - ON Semiconductor NLAS3799BMUR2G Datasheet HTML 6Page - ON Semiconductor NLAS3799BMUR2G Datasheet HTML 7Page - ON Semiconductor NLAS3799BMUR2G Datasheet HTML 8Page - ON Semiconductor NLAS3799BMUR2G Datasheet HTML 9Page - ON Semiconductor NLAS3799BMUR2G Datasheet HTML 10Page - ON Semiconductor NLAS3799BMUR2G Datasheet HTML 11Page - ON Semiconductor NLAS3799BMUR2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NLAS3799B, NLAS3799BL
http://onsemi.com
11
PACKAGE DIMENSIONS
WQFN16, 1.8x2.6, 0.4P
CASE 488AP−01
ISSUE B
A
b
A3
A1
0.08 C
SEATING
PLANE
NOTE 3
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.25 AND 0.30 MM
FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED PAD
AS WELL AS THE TERMINALS.
5. EXPOSED PADS CONNECTED TO DIE FLAG.
USED AS TEST CONTACTS.
DIM
MIN
MAX
MILLIMETERS
A
1.80 BSC
A1
0.40 BSC
A3
0.70
0.80
b
D
0.30
0.50
E
e
L
L1
0.20 REF
0.00
0.050
PIN 1 REFERENCE
D
A
E
B
0.15 C
2X
0.15 C
2X
0.10 C
C
L2
1
4
5
0.05 C
0.10 CA B
16 X
e
L
15 X
0.00
0.15
2.60 BSC
0.15
0.25
MOUNTING FOOTPRINT*
8
12
9
16
mm
inches
SCALE 20:1
1
0.400
0.0157
0.225
0.0089
0.463
0.0182
0.562
0.0221
2.900
0.1142
1.200
0.0472
2.100
0.0827
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
A1
A3
L
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
DETAIL B
DETAIL A
L2
0.40
0.60
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - NLAS3799BMUR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3799BMNR2G ONSEMI-NLAS3799BMNR2G Datasheet
99Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
March, 2006 ??Rev. 0
More results

Similar Description - NLAS3799BMUR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3699 ONSEMI-NLAS3699_05 Datasheet
97Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2005 ??Rev. 3
NLAS3699 ONSEMI-NLAS3699 Datasheet
80Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2004 ??Rev. 0
logo
Union Semiconductor, In...
UM3699A UNIONSEMI-UM3699A Datasheet
341Kb / 11P
   Dual DPDT Ultra-Low RON Analog Switch
logo
ON Semiconductor
NLAS3699B ONSEMI-NLAS3699B Datasheet
97Kb / 10P
   Dual DPDT Ultra?묹ow RON Switch
March, 2006 ??Rev. 0
NLAS3799 ONSEMI-NLAS3799_06 Datasheet
98Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
January, 2006 ??Rev. 1
NLAS3799B ONSEMI-NLAS3799B Datasheet
99Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
March, 2006 ??Rev. 0
NLAS3799 ONSEMI-NLAS3799 Datasheet
98Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
October, 2005 ??Rev. 0
NLAS3899B ONSEMI-NLAS3899B_12 Datasheet
137Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
August, 2012 ??Rev. 1
NLAS3899B ONSEMI-NLAS3899B Datasheet
139Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
July, 2008 ??Rev. 0
logo
Vishay Siliconix
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. C, 13-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com