Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS3157 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLAS3157
Description  Low Voltage SPDT Mux / Demux Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3157 Datasheet(HTML) 3 Page - ON Semiconductor

  NLAS3157 Datasheet HTML 1Page - ON Semiconductor NLAS3157 Datasheet HTML 2Page - ON Semiconductor NLAS3157 Datasheet HTML 3Page - ON Semiconductor NLAS3157 Datasheet HTML 4Page - ON Semiconductor NLAS3157 Datasheet HTML 5Page - ON Semiconductor NLAS3157 Datasheet HTML 6Page - ON Semiconductor NLAS3157 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NLAS3157, NLAS3257
www.onsemi.com
3
Table 3. DC ELECTRICAL CHARACTERISTICS (Typical: T = 25
°C, VCC = 3.3 V)
Symbol
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
VIH
Control Input,
HIGH Voltage
1.65
2.7
3.3
4.2
0.75
1.25
1.52
1.94
V
VIL
Control Input,
LOW Voltage
1.65
2.7
3.3
4.2
0.25
0.4
0.4
0.5
V
IIN
Control Input,
Leakage Current
0
≤ VIS ≤ VCC
1.65 − 4.5
±1.0
mA
ICC
Quiescent Supply Current
VIS = VCC or GND; ID = 0 A
1.65 − 4.5
1.0
mA
INC (OFF)
INO (OFF)
NC or NO Leakage Current
VIS = 1.65 V to 4.5 V
4.5
±10
±100
nA
ICOM (ON)
COM ON Leakage Current
VIS = 1.65 V to 4.5 V
4.5
±10
±100
nA
ON RESISTANCE (Typical: T = 25
5C)
RON
Peak On−Resistance
ION = 8 mA
VIS = 0 V to VCC
1.65
2.7
3.3
4.2
15.4
10.8
9.5
8.5
23.2
12.4
11.0
9.9
W
RFLAT
On−Resistance Flatness
ION = 8 mA
VIS = 0 V to VCC
1.65
2.7
3.3
4.2
5.5
2.9
2.7
2.8
10.2
3.3
3.3
3.3
W
DRON
Delta On−Resistance
ION = 8 mA
VIS = 0 V to VCC
1.65
2.7
3.3
4.2
0.3
0.3
0.3
0.3
0.35
0.35
0.35
0.35
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Table 4. AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC (V)
−40
5C to +855C
Unit
Min
Typ
Max
TIMING/FREQUENCY (Typical: T = 25
5C, VCC = 3.3 V, RL = 50 W, CL = 35 pF, f = 1 MHz)
tPD
Propagation Delay, A to
Bn or Bn to A
(See Figures 4 and 5)
1.65 − 4.5
0.25
ns
tON
Turn−ON Time
(See Figures 7 and 8)
1.65 − 4.5
3.1
13.0
30.0
ns
tOFF
Turn−OFF Time
(See Figures 7 and 8)
1.65 − 4.5
3.4
12.0
25.0
ns
TBBM
Break−Before−Make
Time
(See Figure 6)
1.65 − 4.5
2.0
ns
BW
−3 dB Bandwidth
CL = 5 pF
1.65 − 4.5
1000
MHz
ISOLATION (Typical: T = 25
5C, VCC = 3.3 V, RL = 50 W, CL = 5 pF)
OIRR
OFF−Isolation
f = 240 MHz (See Figure 9)
1.65 − 4.5
-21
dB
XTALK
Non−Adjacent Channel
Crosstalk
f = 240 MHz
1.65 − 4.5
-21
dB


Similar Part No. - NLAS3157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157 Datasheet
124Kb / 6P
   Low Voltage SPDT Mux Demux Analog Switch
November, 2015 ??Rev. P2
NLAS3157 ONSEMI-NLAS3157 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
NLAS3157MX3TCG ONSEMI-NLAS3157MX3TCG Datasheet
124Kb / 6P
   Low Voltage SPDT Mux Demux Analog Switch
November, 2015 ??Rev. P2
NLAS3157MX3TCG ONSEMI-NLAS3157MX3TCG Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
NLAS3157 ONSEMI-NLAS3157_18 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
More results

Similar Description - NLAS3157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157_18 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
NLAS3157 ONSEMI-NLAS3157 Datasheet
124Kb / 6P
   Low Voltage SPDT Mux Demux Analog Switch
November, 2015 ??Rev. P2
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
   Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
logo
ON Semiconductor
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
   Mux / Demux Analog Switch
December, 2018- Rev. 1
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
   Mux / Demux Analog Switch
December, 2015 ??Rev. 1
logo
Pericom Semiconductor C...
PI5A4213 PERICOM-PI5A4213 Datasheet
431Kb / 7P
   Low Voltage Dual SP3T Analog Switch3:1 Mux/DeMux Bus Switch
logo
Integrated Device Techn...
IDTQS4A205 IDT-IDTQS4A205_14 Datasheet
264Kb / 7P
   HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com