Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS2066 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLAS2066
Description  Ultra-Small Dual Single Pole, Single Throw Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS2066 Datasheet(HTML) 4 Page - ON Semiconductor

  NLAS2066 Datasheet HTML 1Page - ON Semiconductor NLAS2066 Datasheet HTML 2Page - ON Semiconductor NLAS2066 Datasheet HTML 3Page - ON Semiconductor NLAS2066 Datasheet HTML 4Page - ON Semiconductor NLAS2066 Datasheet HTML 5Page - ON Semiconductor NLAS2066 Datasheet HTML 6Page - ON Semiconductor NLAS2066 Datasheet HTML 7Page - ON Semiconductor NLAS2066 Datasheet HTML 8Page - ON Semiconductor NLAS2066 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NLAS2066
www.onsemi.com
4
DC ELECTRICAL CHARACTERISTICS − Analog Section
Symbol
Parameter
Condition
VCC
Guaranteed Max Limit
Unit
25
5C
−40 to 85
5C
−55 to <125
5C
RON
Maximum On
Resistance
VIN = VIH
Is = 8 mA
VIS = VCC to GND Is = 8 mA
Is = 24 mA
Is = 32 mA
(Figures 2 and 3)
2.3
2.7
3.0
4.5
50
20
15
7
54
24
19
11
54
24
19
11
W
RFLAT(ON) On Resistance
Flatness
VIN = VIH
Is = 8 mA
VIS = 0 to VCC
Is = 8 mA
Is = 24 mA
Is = 32 mA
(Figure 5)
2.3
2.7
3.0
4.5
60
24
13.5
3.0
60
24
13.5
3.0
60
24
13.5
3.0
W
D RON
On Resistance
Match Between
Channels
VIS = 1.4 V
VIS = 1.6 V
VIS = 1.8 V
VIS = 2.7 V
(Figures 4, 5 and 6)
2.3
2.7
3.0
4.5
1.3
1.4
1.5
2.0
1.3
1.4
1.5
2.0
1.3
1.4
1.5
2.0
W
INO(OFF)
Off Leakage Current
VIN = VIL
VNO = 1.0 V, VCOM = 4.5 V
or
VCOM = 1.0 V and VNO 4.5 V
5.5
1.0
10
100
nA
ICOM(OFF) Off Leakage Current
VIN = VIL
VNO = 4.5 V or 1.0 V
VCOM = 1.0 V or 4.5 V
5.5
1.0
10
100
nA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Guaranteed Max Limit
VCC
25
5C
−40 to 85
5C
−55 to <125
5C
Symbol
Parameter
Condition
(V)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tON
Turn−On Time
RL = 300 W, CL = 35 pF
(Figures 7, 14 and 15)
2.3
2.7
3.0
4.5
8
4
3
2
9
5
4
3
10
7
6
5
10
7
6
5
ns
tOFF
Turn−Off Time
RL = 300 W, CL = 35 pF
(Figures 7, 14 and 15)
2.3
2.7
3.0
4.5
8
6
5
4
10
8
7
6
11
9
8
7
11
9
8
7
ns
Typical @ 25
5C, VCC = 5.0 V
Unit
CIN
CNO or CNC
CCOM(OFF)
CCOM(ON)
Maximum Input Capacitance, Select Input
Analog I/O (Switch Off)
Common I/O (Switch Off)
Feedthrough (Switch Off)
3.0
10
10
10
pF


Similar Part No. - NLAS2066

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS2066 ONSEMI-NLAS2066 Datasheet
78Kb / 10P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
April, 2004 ??Rev. 5
NLAS2066US ONSEMI-NLAS2066US Datasheet
78Kb / 10P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
April, 2004 ??Rev. 5
NLAS2066USG ONSEMI-NLAS2066USG Datasheet
78Kb / 10P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
April, 2004 ??Rev. 5
NLAS2066UST3 ONSEMI-NLAS2066UST3 Datasheet
78Kb / 10P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
April, 2004 ??Rev. 5
NLAS2066UST3G ONSEMI-NLAS2066UST3G Datasheet
78Kb / 10P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
April, 2004 ??Rev. 5
More results

Similar Description - NLAS2066

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT2G66 NEXPERIA-74HCT2G66 Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
logo
NXP Semiconductors
74HC2G66 NXP-74HC2G66 Datasheet
203Kb / 21P
   Dual single-pole single-throw analog switch
Rev. 06-2 April 2010
74HC2G66GT NXP-74HC2G66GT Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
74HC_HCT2G66 PHILIPS-74HC_HCT2G66_15 Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HC2G66-Q100 NEXPERIA-74HC2G66-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
logo
ON Semiconductor
NLAS2066 ONSEMI-NLAS2066 Datasheet
78Kb / 10P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
April, 2004 ??Rev. 5
NLAS2066 ONSEMI-NLAS2066_10 Datasheet
131Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
November, 2010 ??Rev. 6
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com