Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS325USG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NLAS325USG
Description  Dual SPST Analog Switch Low Voltage, Single Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS325USG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLAS325USG Datasheet HTML 2Page - ON Semiconductor NLAS325USG Datasheet HTML 3Page - ON Semiconductor NLAS325USG Datasheet HTML 4Page - ON Semiconductor NLAS325USG Datasheet HTML 5Page - ON Semiconductor NLAS325USG Datasheet HTML 6Page - ON Semiconductor NLAS325USG Datasheet HTML 7Page - ON Semiconductor NLAS325USG Datasheet HTML 8Page - ON Semiconductor NLAS325USG Datasheet HTML 9Page - ON Semiconductor NLAS325USG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NLAS325
www.onsemi.com
9
Figure 21. RON vs. Temp, VCC = 5.0 V
Figure 22. RON vs. Temp, VCC = 5.5 V
20
15
10
25
VIS (VDC)
5
0
0.0
2.0
1.5
1.0
0.5
2.5
3.0
3.5
4.0
4.5
5.0
25
°C
85
°C
125
°C
−55
°C
20
15
10
25
VIS (VDC)
5
0
0.0
2.0
1.5
1.0
0.5
2.5
3.0 3.5 4.0 4.5
5.0
5.5
25
°C
85
°C
125
°C
−55
°C
ORDERING INFORMATION
Device
Order Number
Package Type
Tape and
Reel Shippingize†
NLAS325USG
US8
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.


Similar Part No. - NLAS325USG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS325USG ONSEMI-NLAS325USG Datasheet
103Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
April, 2006 ??Rev. 6
More results

Similar Description - NLAS325USG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS325 ONSEMI-NLAS325 Datasheet
123Kb / 12P
   Dual SPST Analog Switch Low Voltage Single Supply
January, 2002 ??Rev. 2
NLAS325 ONSEMI-NLAS325_06 Datasheet
103Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
April, 2006 ??Rev. 6
NLAS323 ONSEMI-NLAS323 Datasheet
85Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
February, 2004 ??Rev. 6
NLAS323 ONSEMI-NLAS323_15 Datasheet
96Kb / 9P
   Dual SPST Analog Switch, Low Voltage, Single Supply
July, 2015 ??Rev. 7
NLAS324 ONSEMI-NLAS324_06 Datasheet
118Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
April, 2006 ??Rev. 7
NLAS324 ONSEMI-NLAS324 Datasheet
111Kb / 12P
   Dual SPST Analog Switch, Low Voltage, Single Supply
January, 2003 - Rev. 3
NLAS324 ONSEMI-NLAS324_15 Datasheet
95Kb / 8P
   Dual SPST Analog Switch Low Voltage, Single Supply
July, 2015 ??Rev. 8
logo
Texas Instruments
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com