Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPN70R1K5CE Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPN70R1K5CE
Description  700V CoolMOS짧 CE Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPN70R1K5CE Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPN70R1K5CE Datasheet HTML 1Page - Infineon Technologies AG IPN70R1K5CE Datasheet HTML 2Page - Infineon Technologies AG IPN70R1K5CE Datasheet HTML 3Page - Infineon Technologies AG IPN70R1K5CE Datasheet HTML 4Page - Infineon Technologies AG IPN70R1K5CE Datasheet HTML 5Page - Infineon Technologies AG IPN70R1K5CE Datasheet HTML 6Page - Infineon Technologies AG IPN70R1K5CE Datasheet HTML 7Page - Infineon Technologies AG IPN70R1K5CE Datasheet HTML 8Page - Infineon Technologies AG IPN70R1K5CE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
700VCoolMOSªCEPowerTransistor
IPN70R1K5CE
Rev.2.0,2016-04-29
Final Data Sheet
1Maximumratings
atTj=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
1)
ID
-
-
-
-
5.4
3.4
A
TC = 25°C
TC = 100°C
Pulsed drain current
2)
ID,pulse
-
-
8.8
A
TC = 25°C
Avalanche energy, single pulse
EAS
-
-
26
mJ
ID = 0.6A; VDD = 50V
Avalanche energy, repetitive
EAR
-
-
0.10
mJ
ID = 0.6A; VDD = 50V
Avalanche current, repetitive
IAR
-
-
0.6
A
-
MOSFET dv/dt ruggedness
dv/dt
-
-
50
V/ns
VDS=0...480V
Gate source voltage
VGS
-20
-30
-
-
20
30
V
static;
AC (f>1 Hz)
Power dissipation
Ptot
-
-
5.0
W
TC=25°C
Operating and storage temperature
Tj,Tstg
-40
-
150
°C
-
Continuous diode forward current
IS
-
-
1.2
A
TC=25°C
Diode pulse current
2)
IS,pulse
-
-
8.8
A
TC = 25°C
Reverse diode dv/dt
3)
dv/dt
-
-
15
V/ns
VDS=0...400V,ISD<=IS,Tj=25°C
Maximum diode commutation speed
3)
dif/dt
-
-
500
A/
µs VDS=0...400V,ISD<=IS,Tj=25°C
2Thermalcharacteristics
Table3Thermalcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - solder
point
RthJS
-
-
23.8
°C/W -
Thermal resistance, junction - ambient
for minimal footprint
RthJA
-
-
160
°C/W minimal footprint
Thermal resistance, junction - ambient
soldered on copper area
RthJA
-
-
75
°C/W
Device on 40mm*40mm*1.5 epoxy
PCB FR4 with 6cm
2 (one layer 70
µm
thick) copper area for drain
connection and cooling. PCB is
vertical without blown air.
Soldering temperature, wavesoldering
only allowed at leads
Tsold
-
-
260
°C
reflow MSL3
1) DPAK equivalent. Limited by Tj max. Maximum duty cycle D=0.5
2) Pulse width tp limited by Tj,max
3)VDClink=400V;VDS,peak<V(BR)DSS;identicallowsideandhighsideswitchwithidenticalRG


Similar Part No. - IPN70R1K5CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPN70R1K0CE INFINEON-IPN70R1K0CE Datasheet
1Mb / 13P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-10-10
IPN70R1K2P7S INFINEON-IPN70R1K2P7S Datasheet
1Mb / 13P
   700V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-12
IPN70R1K4P7S INFINEON-IPN70R1K4P7S Datasheet
1,016Kb / 13P
   700V CoolMOS짧 P7 Power Transistor
Rev.2.3,2018-02-13
More results

Similar Description - IPN70R1K5CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD70R950CE INFINEON-IPD70R950CE Datasheet
1Mb / 16P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-18
IPAW70R600CE INFINEON-IPAW70R600CE Datasheet
1,000Kb / 14P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-09-27
IPSA70R950CE INFINEON-IPSA70R950CE Datasheet
894Kb / 14P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-09-07
IPAW70R950CE INFINEON-IPAW70R950CE Datasheet
955Kb / 14P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-09-27
IPSA70R600CE INFINEON-IPSA70R600CE Datasheet
1Mb / 14P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-09-07
IPN70R1K0CE INFINEON-IPN70R1K0CE Datasheet
1Mb / 13P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-10-10
IPD70R600CE INFINEON-IPD70R600CE Datasheet
988Kb / 14P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-16
IPSA70R1K4CE INFINEON-IPSA70R1K4CE Datasheet
1Mb / 14P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-09-07
IPS70R600CE INFINEON-IPS70R600CE Datasheet
1Mb / 14P
   700V CoolMOS짧 CE Power Transistor
2016-03-31
IPD70R1K4CE INFINEON-IPD70R1K4CE Datasheet
1Mb / 15P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com