Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT71V3556S Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. IDT71V3556S
Description  128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT71V3556S Datasheet(HTML) 4 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
6.42
4
IDT71V3556, IDT71V3558, 128K x 36, 256K x 18, 3.3V Synchronous SRAMS with
ZBT
™ Feature, 3.3V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Recommended DC Operating
Conditions
NOTES:
1. VIL (min.) = –1.0V for pulse width less than tCYC/2, once per cycle.
2. VIH (max.) = +6.0V for pulse width less than tCYC/2, once per cycle.
Functional Block Diagram
Clk
DQ
DQ
DQ
Address A [0:17]
Control Logic
Address
Control
DI
DO
5281 drw 01b
Clock
Data I/O [0:15],
I/O P[1:2]
D
Q
Output Register
Mux
Sel
Gate
OE
CE
1, CE2, CE2
R/W
CEN
ADV/LD
BW
x
LBO
256x18 BIT
MEMORY ARRAY
,
JTAG
(SA Version)
TMS
TDI
TCK
TDO
TR S T
(optional)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDQ
I/O Supply Voltage
3.135
3.3
3.465
V
VSS
Supply Voltage
0
0
0
V
VIH
Input High Voltage - Inputs
2.0
____
VDD +0.3
V
VIH
Input High Voltage - I/O
2.0
____
VDDQ +0.3(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.8
V
5281 tbl 04


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT71V2556S128K x 36 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O Burst Counter Pipelined Outputs 1 2 3 4 5 MoreIntegrated Device Technology
IDT71V2546S128K x 36 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O Burst Counter Pipelined Outputs 1 2 3 4 5 MoreIntegrated Device Technology
IDT71V65602256K x 36 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O Burst Counter Pipelined Outputs 1 2 3 4 5 MoreIntegrated Device Technology
IDT71V2576S128K X 36 256K X 18 3.3V Synchronous SRAMs 2.5V I/O Pipelined Outputs Burst Counter Single Cycle Deselect 1 2 3 4 5 MoreIntegrated Device Technology
IDT71V3557S128K x 36 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O Burst Counter Flow-Through Outputs 1 2 3 4 5 MoreIntegrated Device Technology
IDT71V3576S128K x 36 256K x 18 3.3V Synchronous SRAMs 3.3V I/O Pipelined Outputs Burst Counter Single Cycle Deselect 1 2 3 4 5 MoreIntegrated Device Technology
IDT71V35761S128K x 36 256K x 18 3.3V Synchronous SRAMs 3.3V I/O Pipelined Outputs Burst Counter Single Cycle Deselect 1 2 3 4 5 MoreIntegrated Device Technology
IDT71V3577S128K X 36 256K X 18 3.3V Synchronous SRAMs 3.3V I/O Flow-Through Outputs Burst Counter Single Cycle Deselect 1 2 3 4 5 MoreIntegrated Device Technology
IDT71V67602256K X 36 512K X 18 3.3V Synchronous SRAMs 2.5V I/O Burst Counter Pipelined Outputs Single Cycle Deselect 1 2 3 4 5 MoreIntegrated Device Technology
IDT71V546128K x 36 3.3V Synchronous SRAM with ZBT Feature Burst Counter and Pipelined Outputs 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn