Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1501EMT8 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # ACE1501EMT8
Description  ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1501EMT8 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  ACE1501EMT8 Datasheet HTML 1Page - Fairchild Semiconductor ACE1501EMT8 Datasheet HTML 2Page - Fairchild Semiconductor ACE1501EMT8 Datasheet HTML 3Page - Fairchild Semiconductor ACE1501EMT8 Datasheet HTML 4Page - Fairchild Semiconductor ACE1501EMT8 Datasheet HTML 5Page - Fairchild Semiconductor ACE1501EMT8 Datasheet HTML 6Page - Fairchild Semiconductor ACE1501EMT8 Datasheet HTML 7Page - Fairchild Semiconductor ACE1501EMT8 Datasheet HTML 8Page - Fairchild Semiconductor ACE1501EMT8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
©2002 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
December 2003
ACE1501 Product Family Rev. 1.1
ACE1501 Product Family
Arithmetic Controller Engine (ACEx™)
for Low Power Applications
General Description
The ACE1501 (Arithmetic Controller Engine) family of microcon-
trollers is a dedicated programmable monolithic integrated circuit
for applications requiring high performance, low power, and small
size. It is a fully static part fabricated using CMOS technology.
The ACE1501 product family has an 8-bit microcontroller core,
64 bytes of RAM, 64 bytes of data EEPROM and 1K bytes of
code EEPROM. Its on-chip peripherals include a multifunction
16-bit timer, a watchdog/idle timer, and programmable under-
voltage detection circuitry. On-chip clock and reset functions
reduce the number of required external components. The
ACE1501 product family is available in 8- and 14-pin SOIC,
TSSOP and DIP packages.
Features
I Arithmetic Controller Engine
I 1K bytes on-board code EEPROM
I 64 bytes data EEPROM
I 64 bytes RAM
I Watchdog
I Multi-input wake-up on all eight general purpose I/O pins
I 16-bit multifunction timer with difference capture
I On-chip oscillator
— No external components
— 1µs instruction cycle time +/-2% accuracy
I Instruction set geared for block encryption
I On-chip Power-on Reset
I Programmable read and write disable functions
I Memory mapped I/O
I 32-level Low Voltage Detection
I Brown-out Reset
I Software selectable I/O option
— Push-pull outputs with tri-state option
— Weak pull-up or high impedance inputs
I Fully static CMOS
— Low power HALT mode (100nA @ 2.7V)
— Power saving IDLE mode
I Single supply operation
— 1.8-3.6V
I 40 years data retention
I 1.8V data EEPROM min writing voltage
I 1,000,000 data changes
I 8- and 14-pin SOIC, TSSOP and DIP packages
I In-circuit programming
Block and Connection Diagram
1. 100nf Decoupling capacitor recommended
2. Available only in the 14-pin package option
VCC1
Power-on Reset
Brown-out Reset/Low
Battery Detect
Programming Interface
1K bytes of Code
EEPROM
64 bytes of Data
EEPROM
64 bytes of RAM
12-bit Timer0 with
Watchdog Timer
16-bit Multi-function
Timer1 with Difference
Capture
HALT & IDLE Power
Saving Modes
GPORT
general
purpose
I/O with
multi-
input
wakeup
Internal Oscillator
GND1
RESET2
(CKO) G0
(CKI) G1
G4
G62
G72
G3
(T1/TX) G2
(TX) G5
ACE1502 core
(4 interrupt
sources
and vectors)


Similar Part No. - ACE1501EMT8

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE150112FM+H ACE-ACE150112FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150133FM+H ACE-ACE150133FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150150FM+H ACE-ACE150150FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE1501ADJFM+H ACE-ACE1501ADJFM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
More results

Similar Description - ACE1501EMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
logo
Altera Corporation
EP1K50TC144-3N ALTERA-EP1K50TC144-3N Datasheet
1Mb / 86P
   ACEX 1K Programmable Logic Device Family
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com