Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1501EMX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # ACE1501EMX
Description  ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1501EMX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  ACE1501EMX Datasheet HTML 1Page - Fairchild Semiconductor ACE1501EMX Datasheet HTML 2Page - Fairchild Semiconductor ACE1501EMX Datasheet HTML 3Page - Fairchild Semiconductor ACE1501EMX Datasheet HTML 4Page - Fairchild Semiconductor ACE1501EMX Datasheet HTML 5Page - Fairchild Semiconductor ACE1501EMX Datasheet HTML 6Page - Fairchild Semiconductor ACE1501EMX Datasheet HTML 7Page - Fairchild Semiconductor ACE1501EMX Datasheet HTML 8Page - Fairchild Semiconductor ACE1501EMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
www.fairchildsemi.com
ACE1501 Product Family Rev. 1.1
2. Electrical Characteristics
Absolute Maximum Ratings
Ambient Storage Temperature
-65 °C to +150 °C
Input Voltage
-0.3V to VCC + 0.3V
Lead Temperature (10s max)
+300°C
Electrostatic Discharge on all pins
2000V min
Operating Conditions
Relative Humidity (non-condensing)
95%
EEPROM write limits
See DC Electrical Characteristics
ACE1501 DC Electrical Characteristics, VCC = 1.8 to 3.6V
All measurements are valid for ambient operating temperature unless otherwise stated.
3. Icc active current is dependant on the program code.
4. Based on a continuous IDLE looping program.
Part Number
Operating Voltage
Ambient Operating Temperature
ACE1501E
1.8 to 3.6V
-40°C to +85°C
ACE1501V
1.8 to 3.6V
-40°C to +125°C
Symbol
Parameter
Conditions
MIN
TYP
MAX
Units
Icc3
Suppy Current - no data EEPROM
write in progress
1.8V
2.2V
2.7V
3.6V
0.4
0.4
0.5
0.6
0.6
0.6
0.7
1.0
mA
mA
mA
mA
IccH
HALT Mode current
2.7V @ 25°C
2.7V @ -40°C to +85°C
100
400
5000
nA
nA
3.6V @ 25°C
3.6V @ -40°C to +85°C
0.25
1000
10
nA
µA
IccL
4
IDLE Mode current
1.8V
3.6V
210
250
400
µA
µA
VccW
EEPROM write voltage
Code EEPROM in Programming Mode
3.0
3.3
3.6
V
Data EEPROM in Operating Mode
1.8
3.6
V
SVcc
Power Supply Slope
1µs/V
10ms/V
VIL
Input Low with Schmitt Trigger buffer
Vcc = 2.2 - 3.6V
0.2Vcc
V
Vcc < 2.2V
0.15Vcc
V
VIH
Input High with Schmitt Trigger buffer
Vcc = 1.8 - 3.6V
0.8Vcc
V
IIP
Input Pull-up Current
Vcc = 3.6V, VIN = 0V
30
65
350
µA
ITL
Tri-State Leakage
Vcc = 3.6V
2
200
nA
VOL
Output Low Voltage:
G0, G1, G2, G3, G4, G5, G6, G7
Vcc = 1.8 - 2.7V
2 mA sink
0.2Vcc
V
Output Low Voltage:
G0, G1, G2, G3, G4, G5, G6, G7
Vcc = 3.3 - 3.6V
7.0 mA sink
0.2Vcc
V
VOH
Output High Voltage:
G0, G1, G2, G3, G4, G5, G6, G7
Vcc = 2.2 - 2.7V
2 mA source
0.8Vcc
V
Output High Voltage:
G0, G1, G2, G3, G4, G5, G6, G7
Vcc = 3.3 - 3.6V
7 mA source
0.8Vcc
V


Similar Part No. - ACE1501EMX

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE150112FM+H ACE-ACE150112FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150133FM+H ACE-ACE150133FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150150FM+H ACE-ACE150150FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE1501ADJFM+H ACE-ACE1501ADJFM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
More results

Similar Description - ACE1501EMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
logo
Altera Corporation
EP1K50TC144-3N ALTERA-EP1K50TC144-3N Datasheet
1Mb / 86P
   ACEX 1K Programmable Logic Device Family
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com