Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1501EM8 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # ACE1501EM8
Description  ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1501EM8 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  ACE1501EM8 Datasheet HTML 1Page - Fairchild Semiconductor ACE1501EM8 Datasheet HTML 2Page - Fairchild Semiconductor ACE1501EM8 Datasheet HTML 3Page - Fairchild Semiconductor ACE1501EM8 Datasheet HTML 4Page - Fairchild Semiconductor ACE1501EM8 Datasheet HTML 5Page - Fairchild Semiconductor ACE1501EM8 Datasheet HTML 6Page - Fairchild Semiconductor ACE1501EM8 Datasheet HTML 7Page - Fairchild Semiconductor ACE1501EM8 Datasheet HTML 8Page - Fairchild Semiconductor ACE1501EM8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
www.fairchildsemi.com
ACE1501 Product Family Rev. 1.1
AC & DC Electrical Characteristic Graphs
The graphs in this section are for design guidance and are based on preliminary test data.
Figure 6. Internal Oscillator Frequency
Figure 7. LBD and BOR Threshold Levels
Internal Oscillator Frequency vs. Temperature
-40
0
25
85
125
Temperature [
°C]
1.93
1.94
1.95
1.96
1.97
1.98
1.99
2
2.01
3.6V
3.3V
2.8V
2.6V
2.2V
2.0V
1.8V
LBD Levels 1,16 and 32
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40
0
25
85
125
-40
0
25
85
125
Temperature [
°C]
Level 1
Level 16
Level 32
BOR Level
1.800
1.805
1.810
1.815
1.820
1.825
1.830
1.835
1.840
Temperature [
°C]
BOR Level


Similar Part No. - ACE1501EM8

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE150112FM+H ACE-ACE150112FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150133FM+H ACE-ACE150133FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150150FM+H ACE-ACE150150FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE1501ADJFM+H ACE-ACE1501ADJFM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
More results

Similar Description - ACE1501EM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
logo
Altera Corporation
EP1K50TC144-3N ALTERA-EP1K50TC144-3N Datasheet
1Mb / 86P
   ACEX 1K Programmable Logic Device Family
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com