Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1501V Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # ACE1501V
Description  ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1501V Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button ACE1501V Datasheet HTML 6Page - Fairchild Semiconductor ACE1501V Datasheet HTML 7Page - Fairchild Semiconductor ACE1501V Datasheet HTML 8Page - Fairchild Semiconductor ACE1501V Datasheet HTML 9Page - Fairchild Semiconductor ACE1501V Datasheet HTML 10Page - Fairchild Semiconductor ACE1501V Datasheet HTML 11Page - Fairchild Semiconductor ACE1501V Datasheet HTML 12Page - Fairchild Semiconductor ACE1501V Datasheet HTML 13Page - Fairchild Semiconductor ACE1501V Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
www.fairchildsemi.com
ACE1501 Product Family Rev. 1.1
3.3 Addressing Modes
The ACEx microcontroller has seven addressing modes
indexed, indirect, direct, immediate, absolute jump, and relative
jump.
Indexed
The instruction allows an 8-bit unsigned offset value to be
added to the 11-LSBs of the X-pointer yielding a new effective
address. This mode can be used to address either data or pro-
gram memory space.
Indirect
The instruction allows the X-pointer to address any location
within the data memory space.
Direct
The instruction contains an 8-bit address field that directly
points to the data memory space as an operand.
Immediate
The instruction contains an 8-bit immediate field as an operand.
Inherent
This instruction has no operands associated with it.
Absolute
The instruction contains an 11-bit address that directly points to
a location in the program memory space. There are two oper-
ands associated with this addressing mode. Each operand con-
tains a byte of an address. This mode is used only for the long
jump (JMP) and JSR instructions.
Relative
This mode is used for the short jump (JP) instructions where the
operand is a value relative to the current PC address. With this
instruction, software is limited to the number of bytes it can
jump, -31 or +32.
Table 8. Instruction Addressing Modes
Instruction
Immediate
Direct
Indexed
Indirect
Inherent
Relative
Absolute
ADC
ADD
AND
OR
SUBC
XOR
A, #
A, #
A, #
A, #
A, #
A, #
A, M
A, M
A, M
A, M
A, M
A, M
A, [#, X]
A, [#, X]
A, [#, X]
A, [#, X]
A, [#, X]
A, [#, X]
A, [X]
A, [X]
A, [X]
A, [X]
A, [X]
A, [X]
CLR
INC
DEC
M
M
M
A
A
A
X
X
X
IFEQ
IFGT
IFNE
IFLT
A, #
A, #
A, #
X, #
X, #
X, #
X, #
M,#
M,#
A, M
A, M
A, M
A, [#, X]
A, [#, X]
A, [#, X]
A, [X]
A, [X]
A, [X]
SC
RC
IFC
IFNC
INVC
LDC
STC
#, M
#, M
no-op
no-op
no-op
no-op
no-op
RLC
RRC
M
M
A
A
LD
ST
A, #
M, #
X, #
A, M
A, M
M, M
A, [#, X]
A, [#, X]
A, [X]
A, [X]
NOP
no-op
IFBIT
#, A
#, M
[#, X]
IFNBIT
SBIT
RBIT
#, A
#, M
#, M
#, M
[#, X]
[#, X]
[#, X]
JP
JSR
JMP
RET
RETI
INTR
[#, X]
[#, X]
no-op
no-op
no-op
Rel
M
M


Similar Part No. - ACE1501V

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE150112FM+H ACE-ACE150112FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150133FM+H ACE-ACE150133FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150150FM+H ACE-ACE150150FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE1501ADJFM+H ACE-ACE1501ADJFM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
More results

Similar Description - ACE1501V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
logo
Altera Corporation
EP1K50TC144-3N ALTERA-EP1K50TC144-3N Datasheet
1Mb / 86P
   ACEX 1K Programmable Logic Device Family
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com