Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2593HV Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2593HV
Description  SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2593HV Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2593HV Datasheet HTML 4Page - National Semiconductor (TI) LM2593HV Datasheet HTML 5Page - National Semiconductor (TI) LM2593HV Datasheet HTML 6Page - National Semiconductor (TI) LM2593HV Datasheet HTML 7Page - National Semiconductor (TI) LM2593HV Datasheet HTML 8Page - National Semiconductor (TI) LM2593HV Datasheet HTML 9Page - National Semiconductor (TI) LM2593HV Datasheet HTML 10Page - National Semiconductor (TI) LM2593HV Datasheet HTML 11Page - National Semiconductor (TI) LM2593HV Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Test Circuit and Layout Guidelines
Fixed Output Voltage Versions
10133324
Component Values shown are for VIN = 15V,
VOUT = 5V, ILOAD = 2A.
CIN
470 µF, 50V, Aluminum Electrolytic Nichicon “PM Series”
COUT
220 µF, 25V Aluminum Electrolytic, Nichicon “PM Series”
D1
3.3A, 60V Schottky Rectifier, 31DQ06 (International Rectifier)
L1
33 µH, See Inductor Selection Procedure
Adjustable Output Voltage Versions
10133325
Select R1 to be approximately 1 kΩ, use a 1% resistor for best stability.
Component Values shown are for VIN = 20V,
VOUT = 10V, ILOAD = 2A.
CIN:
— 470 µF, 35V, Aluminum Electrolytic Nichicon “PM Series”
COUT:
— 220 µF, 35V Aluminum Electrolytic, Nichicon “PM Series”
D1 — 3.3A, 60V Schottky Rectifier, 31DQ06 (International Rectifier)
L1 — 47 µH, See Inductor Selection Procedure
R1 —1 kΩ,1%
R2 — 7.15k, 1%
CFF — 3.3 nF
Typical Values
CSS — 0.1 µF
CDELAY — 0.1 µF
RPULL UP — 4.7k (use 22k if VOUT is ≥ 45V)
† Resistive divider is required to aviod exceeding maximum rating of 45V/3mA on/into flag pin.
†† Small signal Schottky diode to prevent damage to feedback pin by negative spike when output is shorted (CFF not being able to discharge immediately will
drag feedback pin below ground). Required if VIN > 40V
FIGURE 1. Standard Test Circuits and Layout Guides
www.national.com
8


Similar Part No. - LM2593HV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2593HVS-3.3/NOPB TI1-LM2593HVS-3.3/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2593HVS-5.0/NOPB TI1-LM2593HVS-5.0/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2593HVS-ADJ TI1-LM2593HVS-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2593HVS-ADJ/NOPB TI1-LM2593HVS-ADJ/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
More results

Similar Description - LM2593HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2598 TI1-LM2598 Datasheet
2Mb / 47P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
LM2592HVT-33 TI-LM2592HVT-33 Datasheet
2Mb / 29P
[Old version datasheet]   LM2592HV SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage
LM2597HVM-ADJ TI-LM2597HVM-ADJ Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com