Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IM831B Datasheet(PDF) 9 Page - MMD Components

Part # IM831B
Description  MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM831B Datasheet(HTML) 9 Page - MMD Components

  IM831B Datasheet HTML 1Page - MMD Components IM831B Datasheet HTML 2Page - MMD Components IM831B Datasheet HTML 3Page - MMD Components IM831B Datasheet HTML 4Page - MMD Components IM831B Datasheet HTML 5Page - MMD Components IM831B Datasheet HTML 6Page - MMD Components IM831B Datasheet HTML 7Page - MMD Components IM831B Datasheet HTML 8Page - MMD Components IM831B Datasheet HTML 9Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MEMS Oscillator, -55°C to +125°C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
IM831 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 9 of 9
Tape and Reel Dimensions
DIRECTION OF FEED
REF: EIA-481-E
Q3 Q4
Q2
Q1
WIDTH
TAPE
PITCH
REEL DIA
Part
Number
Size
Pitch
Tape
Width
Pin
Orient.
Reel
Dia.
Count
IM831B
5.0 x 3.2
8.0 ± 0.1
12.3 max
Q1
180 Dia
1000
330 Dia
3000
IM831C
3.2 x 2.5
4.0 ± 0.1
8.3 max
Q1
180 Dia
3000
IM831D
2.5 x 2.0
4.0 ± 0.1
8.3 max
Q1
180 Dia
3000
IM831E
2.0 x 1.6
4.0 ± 0.1
8.3 max
Q1
180 Dia
3000
Notes:`
All dimensions are in mm.
Do not scale drawings.
PROPRIETARY AND CONFIDENTIAL
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION, AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY
PURPOSE NOR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM ILSI America.


Similar Part No. - IM831B

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM831B ILSI-IM831B Datasheet
644Kb / 9P
   MEMS Technology
More results

Similar Description - IM831B

ManufacturerPart #DatasheetDescription
logo
MMD Components
IM830B MMD-IM830B Datasheet
734Kb / 9P
   MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
IM801B MMD-IM801B Datasheet
623Kb / 9P
   MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000 MHz
IM810B MMD-IM810B Datasheet
521Kb / 8P
   MEMS Oscillator, Ultra Performance, LVCMOS/HCMOS Compatible, 1.00 MHz to 80.00 MHz
IM802B MMD-IM802B Datasheet
781Kb / 9P
   MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 115.000 MHz to 137.000 MHz
IM811B MMD-IM811B Datasheet
540Kb / 7P
   MEMS Oscillator, Ultra Performance, High Freq., LVCMOS/ HCMOS Compatible, 80.0 MHz to 220.0MHz
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Dielectric Laboratories...
B148QF0S DILABS-B148QF0S Datasheet
370Kb / 3P
   Frequency Stable over Temperature -55째C to 125째C
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
logo
Interpoint Corporation ...
SMHF282R5S INTERPOINT-SMHF282R5S Datasheet
591Kb / 15P
   Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
logo
SiTime Corp.
SIT3809 SITIME-SIT3809 Datasheet
527Kb / 14P
   80 MHz to 220 MHz MEMS VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com