Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IM830C Datasheet(PDF) 4 Page - MMD Components

Part # IM830C
Description  MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM830C Datasheet(HTML) 4 Page - MMD Components

  IM830C Datasheet HTML 1Page - MMD Components IM830C Datasheet HTML 2Page - MMD Components IM830C Datasheet HTML 3Page - MMD Components IM830C Datasheet HTML 4Page - MMD Components IM830C Datasheet HTML 5Page - MMD Components IM830C Datasheet HTML 6Page - MMD Components IM830C Datasheet HTML 7Page - MMD Components IM830C Datasheet HTML 8Page - MMD Components IM830C Datasheet HTML 9Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MEMS Oscillator, -55°C to +125°C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
IM830 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 4 of 9
Figure 7: RMS Integrated Phase Jitter Random
(12 kHz to 20.0 MHz) vs. Frequency
Figure 8: RMS Integrated Phase Jitter Random
(900 kHz to 20.0 MHz) vs. Frequency
Environmental Specifications:
Environmental Compliance
Parameter
Condition/Test Method
Mechanical Shock
MIL-STD-883F, Method 2002
Mechanical Vibration
MIL-STD-883F, Method 2007
Temperature Cycle
JESD22, Method A104
Solderability
MIL-STD-883F, Method 2003
Moisture Sensitivity Level
MSL Level 1 at +260ºC
Pb Free Solder Reflow Profile
Ts max to TL (Ramp-up Rate)
3ºC / second max
Preheat
Temperature min (Ts min)
Temperature typ (Ts typ)
Temperature max (Ts max)
Time (Ts)
150ºC
175ºC
200ºC
60 to180 seconds
Ramp-up Tate (TL to Tp
3ºC / second max
Time Maintained Above
Temperature (TL)
Time (TL)
217ºC
60 to 150 seconds
Peak Temperature (Tp)
260ºC max for seconds
Time within 5ºC to Peak
Temperature (Tp)
20 to 40 seconds
Ramp-down Rate
6ºC / second max
Tune 25ºC to Peak
Temperature
8 minute max
Moisture Sensitivity Level
(MSL)
Level 1
Units are backward compatible with +240ºC reflow processes


Similar Part No. - IM830C

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM830C ILSI-IM830C Datasheet
734Kb / 9P
   Pb-free, RoHS and REACH compliant
More results

Similar Description - IM830C

ManufacturerPart #DatasheetDescription
logo
MMD Components
IM831B MMD-IM831B Datasheet
644Kb / 9P
   MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
IM801B MMD-IM801B Datasheet
623Kb / 9P
   MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000 MHz
IM810B MMD-IM810B Datasheet
521Kb / 8P
   MEMS Oscillator, Ultra Performance, LVCMOS/HCMOS Compatible, 1.00 MHz to 80.00 MHz
IM802B MMD-IM802B Datasheet
781Kb / 9P
   MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 115.000 MHz to 137.000 MHz
IM811B MMD-IM811B Datasheet
540Kb / 7P
   MEMS Oscillator, Ultra Performance, High Freq., LVCMOS/ HCMOS Compatible, 80.0 MHz to 220.0MHz
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
MMD Components
IM840B MMD-IM840B Datasheet
414Kb / 7P
   Mems Oscillator, High Performance Differential Oscillator, LVPECL and LVDS 1.000 MHz to 220.000MHz
logo
Dielectric Laboratories...
B148QF0S DILABS-B148QF0S Datasheet
370Kb / 3P
   Frequency Stable over Temperature -55째C to 125째C
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
logo
Interpoint Corporation ...
SMHF282R5S INTERPOINT-SMHF282R5S Datasheet
591Kb / 15P
   Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com