Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFEH7030D-220M Datasheet(PDF) 1 Page - TOKO, Inc

Part # DFEH7030D-220M
Description  Metal Alloy Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DFEH7030D-220M Datasheet(HTML) 1 Page - TOKO, Inc

  DFEH7030D-220M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DFEH7030D
Inductance Range: 1.0~22
H
Tolerance:±0.3mm
(Unit: mm)
(Unit: mm)
FEATURES
特長
 7.3  6.9mm square and 3.0mm Max. height.
 Magnetically shielded construction, low DC resistance.
 Suitable for large current
 The use of low loss iron powder ensure capability for high
efficiency.
 Low audible core noise.
 Operating temperature range : -40~+155°C
 AEC-Q200 compliant.
 7.3  6.9mm 角、高さ3.0mm Max.
 閉磁路構造、低直流抵抗
 大電流対応
 低コアロス鉄系磁性粉を用いた高効率化対応
 低コア鳴きノイズ
 DC-DC コンバータ用インダクタなどに最適
 動作温度範囲:-40~+155℃
 AEC-Q200準拠
STANDARD PART NUMBERS
標準品一覧
TYPE DFEH7030D (Quantity/reel; 1,000 PCS)
品番
インダクタンス
(1)
許容差
測定周波数
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(4)
Part
Number
Inductance
(1)
L(
H)
Tolerance
(%)
Test
Frequency
(KHz)
DC
Resistance
(2)
(m
)Max. (Typ.)
Inductance
DecreaseCurrent
(3)
(A) Max. (Typ.)
=20%
Temperature
Rise Current
(4)
T=40C
(A) Max. (Typ.)
DFEH7030D-1R0M=P3
1.0
±20
100
9.9 (8.2)
9.0 (12)
9.1 (11)
DFEH7030D-1R5M=P3
1.5
±20
100
15 (12)
7.3 (9.7)
7.6 (9.5)
DFEH7030D-2R2M=P3
2.2
±20
100
18 (15)
6.9 (9.2)
7.1 (8.9)
DFEH7030D-3R3M=P3
3.3
±20
100
29 (24)
5.3 (7.1)
5.4 (6.7)
DFEH7030D-4R7M=P3
4.7
±20
100
41 (34)
4.2 (5.6)
4.2 (5.3)
DFEH7030D-5R6M=P3
5.6
±20
100
54 (45)
4.1 (5.4)
3.8 (4.7)
DFEH7030D-6R8M=P3
6.8
±20
100
59 (49)
3.9 (5.2)
3.5 (4.4)
DFEH7030D-8R2M=P3
8.2
±20
100
78 (65)
3.2 (4.2)
3.1 (3.9)
DFEH7030D-100M=P3
10
±20
100
82 (68)
3.2 (4.2)
3.0 (3.7)
DFEH7030D-150M=P3
15
±20
100
147 (122)
2.4 (3.2)
2.2 (2.7)
DFEH7030D-220M=P3
22
±20
100
198 (170)
2.0 (2.7)
1.9 (2.4)
(1) Inductance is measured with a LCR meter 4284A(Agilent
Technologies) or equivalent. Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Inductance Decrease Current based upon 20% inductance
reduction from the initial value
(4) Temperature Rise Current based upon 40°C temperature rise.
(Reference ambient temperature 20°C)
(5)Absolute maximum voltage : 50VDC
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 直流重畳許容電流:直流重畳電流を流した時インダクタンスの
値が初期値より20%減少する直流電流値
(4) 温度上昇許容電流:コイルの温度が40°C上昇する値
(周囲温度20°Cを基準とする。)
(5)絶対最大電圧
50VDC
Recommended patterns
推奨パターン図
Metal Alloy Inductors
メタルアロイ®インダクタ
 L
L


Similar Part No. - DFEH7030D-220M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFEH7030D-220M TOKO-DFEH7030D-220M Datasheet
247Kb / 1P
   Low audible core noise
logo
Murata Manufacturing Co...
DFEH7030D-220M MURATA-DFEH7030D-220M Datasheet
1Mb / 2P
   Inductor
More results

Similar Description - DFEH7030D-220M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE201612C TOKO-DFE201612C Datasheet
76Kb / 1P
   Metal Alloy Inductors
DFE252010P TOKO-DFE252010P Datasheet
186Kb / 1P
   Metal Alloy Inductors
FCUL1040 TOKO-FCUL1040 Datasheet
106Kb / 1P
   Metal Alloy Inductors
FDSD0312 TOKO-FDSD0312 Datasheet
105Kb / 1P
   Metal Alloy Inductors
FDSD0630 TOKO-FDSD0630 Datasheet
106Kb / 1P
   Metal Alloy Inductors
FDU1040D TOKO-FDU1040D Datasheet
117Kb / 1P
   Metal Alloy Inductors
DFE201210U TOKO-DFE201210U_16 Datasheet
210Kb / 1P
   Metal Alloy Inductors
FDA1254 TOKO-FDA1254_16 Datasheet
236Kb / 1P
   Metal Alloy Inductors
FCUL0624 TOKO-FCUL0624_16 Datasheet
237Kb / 1P
   Metal Alloy Inductors
DFE201610P TOKO-DFE201610P_16 Datasheet
221Kb / 1P
   Metal Alloy Inductors
DFE252010P TOKO-DFE252010P_16 Datasheet
225Kb / 1P
   Metal Alloy Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com