Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD560C Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SD560C
Description  Glass Passivated Die Construction
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SD560C Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SD560C Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SD560C Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SD560C Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SD560C Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SD560C Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Green Products
Data Sheet N1346, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SD560C
SD560C STANDARD RECTIFIER
Features:
Glass Passivated Die Construction
Ideally Suited for Automatic Assembly
Low Forward Voltage Drop
Surge Overload Rating to 200A Peak
Low Power Loss
Built Strain Relief
Plastic Case Material has UL Flammability Classification Rating 94V-O
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical data:
Case: Molded Plastic
Terminals: Solder Plated , Solderable Per MIL-STD 750 ,Method 2026
Polarity: Cathode Band or Cathode Notch
Marking: Type Number
Weight: 0.65 grams(Approx)
Mechanical Dimensions: In mm
SMC


Similar Part No. - SD560C

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SD560C SMCDIODE-SD560C Datasheet
297Kb / 4P
   SD560C STANDARD RECTIFIER
Rev.A
More results

Similar Description - SD560C

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1N4001G DEC-1N4001G Datasheet
826Kb / 2P
   Glass Passivated Die Construction
logo
Sangdest Microelectroni...
SD560BP SMC-SD560BP Datasheet
191Kb / 5P
   Glass Passivated Die Construction
GBJ35005 SMC-GBJ35005 Datasheet
262Kb / 4P
   Glass passivated die construction
S1A-M SMC-S1A-M Datasheet
145Kb / 4P
   Glass Passivated Die Construction
logo
Diodes Incorporated
ES2D-13-F DIODES-ES2D-13-F Datasheet
120Kb / 4P
   Glass Passivated Die Construction
logo
Sangdest Microelectroni...
DF01 SMC-DF01 Datasheet
149Kb / 4P
   Glass passivated die construction
ABS2U SMC-ABS2U Datasheet
156Kb / 5P
   Glass passivated die construction
logo
Mospec Semiconductor
GBJ15005 MOSPEC-GBJ15005 Datasheet
160Kb / 2P
   Glass Passivated Die Construction
GBU4A MOSPEC-GBU4A Datasheet
190Kb / 2P
   Glass Passivated Die Construction
logo
DIYI Electronic Technol...
GBU6005G DYELEC-GBU6005G Datasheet
2Mb / 2P
   Glass passivated die construction
logo
Diodes Incorporated
S3K-13 DIODES-S3K-13 Datasheet
271Kb / 4P
   Glass Passivated Die Construction
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com