Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13150 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HA13150
Description  21 W X 4-Channel BTL Power IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA13150 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HA13150 Datasheet HTML 3Page - Hitachi Semiconductor HA13150 Datasheet HTML 4Page - Hitachi Semiconductor HA13150 Datasheet HTML 5Page - Hitachi Semiconductor HA13150 Datasheet HTML 6Page - Hitachi Semiconductor HA13150 Datasheet HTML 7Page - Hitachi Semiconductor HA13150 Datasheet HTML 8Page - Hitachi Semiconductor HA13150 Datasheet HTML 9Page - Hitachi Semiconductor HA13150 Datasheet HTML 10Page - Hitachi Semiconductor HA13150 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HA13150A
7
Point of Application Board Design
1. Notes on Application board’s pattern design
• For increasing stability, the connected line of V
CC and OUTGND is better to be made wider and
lower impedance.
• For increasing stability, it is better to place the capacitor between V
CC and GND (0.1 µF) close to
IC.
• For increasing stability, it is better to place C1 to C8 and R1 to R8, which are for stopping
oscillation, close to IC.
• It is better to place the grounding of resistor (Rg), between input line and ground, close to INGND
(Pin 12) because if OUTGND is connected to the line between Rg and INGND, THD will become
worse due to current from OUTGND.
Figure 1 Notes on Application Board’s Pattern Design


Similar Part No. - HA13150

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13150 HITACHI-HA13150 Datasheet
213Kb / 8P
   21W X 4 CHANNEL BTL POWER IC
HA13150A HITACHI-HA13150A Datasheet
84Kb / 13P
   33 W ´ 4-Channel BTL Power IC
More results

Similar Description - HA13150

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13156 HITACHI-HA13156 Datasheet
84Kb / 18P
   38 W x 4-Channel BTL Power IC
HA13153A HITACHI-HA13153A Datasheet
85Kb / 21P
   15 W X 4-Channel BTL Power IC
HA13151 HITACHI-HA13151 Datasheet
147Kb / 24P
   14 W X 4-Channel BTL Power IC
HA13155 HITACHI-HA13155 Datasheet
61Kb / 13P
   33 W x 4-Channel BTL Power IC
HA13157 HITACHI-HA13157 Datasheet
84Kb / 13P
   33 W ´ 4-Channel BTL Power IC
HA13150 HITACHI-HA13150 Datasheet
213Kb / 8P
   21W X 4 CHANNEL BTL POWER IC
logo
Toshiba Semiconductor
TB2936HQ TOSHIBA-TB2936HQ Datasheet
477Kb / 20P
   49 W x 4-ch BTL Audio Power IC
logo
Hitachi Semiconductor
HA13159 HITACHI-HA13159 Datasheet
85Kb / 15P
   37 W 횞 4-Channel BTL Power IC
HA13158A HITACHI-HA13158A Datasheet
85Kb / 15P
   34 W 횞 4-Channel BTL Power IC
logo
Toshiba Semiconductor
TA8264AHQ TOSHIBA-TA8264AHQ Datasheet
262Kb / 14P
   Max Power 41 W BTL x 4 ch Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com