Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJA1117-3.3 Datasheet(PDF) 5 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJA1117-3.3
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJA1117-3.3 Datasheet(HTML) 5 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJA1117-3.3 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117-3.3 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117-3.3 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117-3.3 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117-3.3 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117-3.3 Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117-3.3 Datasheet HTML 7Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117-3.3 Datasheet HTML 8Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
1A LOW DROPOUT LINEAR REGULATOR
ABOSLUTE MAXIMUM RATINGS (NOTE 1)
Parameter
Value
Unit
VIN
20
V
Maximum Junction Temperature
150
Storage Temperature Range
-65 to 150
Lead Temperature (Soldering, 10sec.)
300
ESD (Machine Model)
600
V
Note 1: Stresses greater than those listed under ”Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional of the device at these or any other conditions beyond those
indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute Maximum Ratings” for
extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Min
Max
Unit
VIN
15
V
Operating Junction Temperature Range
0
125
A,May,2011


Similar Part No. - CJA1117-3.3

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJA1117-3.3 ZPSEMI-CJA1117-3.3 Datasheet
3Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJA1117-3.3 ZPSEMI-CJA1117-3.3 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJA1117-3.3 ZPSEMI-CJA1117-3.3 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJA1117-3.3 ZPSEMI-CJA1117-3.3 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJA1117-3.3 ZPSEMI-CJA1117-3.3 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - CJA1117-3.3

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com