Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ79L08 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ79L08
Description  Three-terminal negative voltage regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ79L08 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ79L08 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ79L08 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ79L08 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ79L08 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
C
o
0.1μF
CJ79L08 Three-terminal negative voltage regulator
ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JINCTION TEMPERATURE(VI=-14V, Io=40mA, Ci=0.33μF,Co=0.1μF,unless otherwise specified)
Parameter
Symbol
Test conditions
M
T
M
25
-7.7
-8.0
-8.3
V
-10.5V≤Vl≤-23V, Io=1mA~40mA
-7.6
-8.0
-8.4
V
Output
Voltage
Vo
Io=1mA~70mA
0-1
25
-7.6
-8.0
-8.4
V
Io=1mA~100mA
25
30
100
mV
Load Regulation
ΔVo
Io=1mA~40mA
25
15
50
mV
-10.5V≤Vl≤-23V
25
42
200
mV
Line
Regulation
ΔVo
-11V≤Vl≤-23V
25
36
150
mV
Quiescent Current
Iq
25
4
6
mA
ΔIq
-11V≤Vl≤-23V
0-1
25
1.5
mA
Quiescent Current Change
ΔIq
1mA≤IO≤40mA
0-1
25
0.1
mA
Output Noise Voltage
VN
10Hz≤f≤100KHz
25
54
Ripple Rejection
RR
-11V≤Vl≤-21V,f=120Hz
0-1
25
37
46
Dropout Voltage
Vd
25
1.7
V
TYPICAL APPLICATION
Vi
2
3
Vo
UTC
Ci
0.33μF
Note: Bypass capacitors are recommended for optimum stability and transient response and should be located as close as
possible to the regulators.
TO-92
1. GND
2. IN
3. OUT
CJ79L08
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
JC T
TO-92 Encapsulate Three-terminal Voltage Regulator
www.cj-elec.com
1
www.cj-elec.com
Maximum
output current
IOM: 0.1A
Output voltage
Vo:-8V
Continuous total dissipation
PD:0.625 W
FEATURES
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
Vi
-30
V
Thermal
Resistance from Junction to Ambient
RθJA
200
℃/W
Operating Junction Temperature Range
TOPR
0~+150
Storage Temperature Range
TSTG
-65
~+150
* Pulse test.
A,Jun,2014
F,Nov,2016
dB
μV/Vo
(Ta= 25
℃)


Similar Part No. - CJ79L08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CJ79L08 ETC-CJ79L08 Datasheet
613Kb / 1P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATROR
logo
Jiangsu Changjiang Elec...
CJ79L08 JIANGSU-CJ79L08 Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L08 JIANGSU-CJ79L08 Datasheet
124Kb / 2P
   Three-terminal negative voltage regulator
CJ79L08-SOT-23-3L JIANGSU-CJ79L08-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
logo
ZP Semiconductor
CJ79L08-SOT23-3L ZPSEMI-CJ79L08-SOT23-3L Datasheet
522Kb / 1P
   SOT-23-3L Encapsulate Three Terminal Voltage Regulators
More results

Similar Description - CJ79L08

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
   Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
   Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
   Three-terminal negative voltage regulator
logo
Jiangsu Changjiang Elec...
CJ7908 JIANGSU-CJ7908 Datasheet
794Kb / 3P
   Three-terminal negative voltage regulator
CJ7915F JIANGSU-CJ7915F Datasheet
1Mb / 2P
   Three-terminal negative voltage regulator
CJ7912 JIANGSU-CJ7912 Datasheet
788Kb / 3P
   Three-terminal negative voltage regulator
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
LM79L15 KEXIN-LM79L15 Datasheet
64Kb / 1P
   Three-terminal Negative Voltage Regulator
logo
Jiangsu Changjiang Elec...
CJ79L09 JIANGSU-CJ79L09 Datasheet
3Mb / 4P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
KA090Q05 KEXIN-KA090Q05 Datasheet
175Kb / 1P
   Three-Terminal Negative Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com