Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3-508S-D15 Datasheet(PDF) 5 Page - Copal Electronics

Part # RS3-508S-D15
Description  ROTARY SELECTOR SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RS3-508S-D15 Datasheet(HTML) 5 Page - Copal Electronics

  RS3-508S-D15 Datasheet HTML 1Page - Copal Electronics RS3-508S-D15 Datasheet HTML 2Page - Copal Electronics RS3-508S-D15 Datasheet HTML 3Page - Copal Electronics RS3-508S-D15 Datasheet HTML 4Page - Copal Electronics RS3-508S-D15 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RS / RG
ROTARY SELECTOR SWITCHES
2 poles 6 contacts
1 pole 12 contacts
External connection
4 poles 6 contacts
2 poles 12 contacts
External connection
7.620.1
10.160.1
28 – 0.9
7.620.1
7.620.1
10.160.1
30 – 0.9
5.30.1
7.620.1
φ
φ
RS 2
RG 2
RG case
RS case
7.620.1
14 – 0.9
7.620.1
16 – 0.9
5.30.1
φ
φ
RS 1
RG 1
RS case
RG case
TERMINAL CONNECTION / P.C.B. THROUGH HOLE DIMENSIONS
RS
RG
Terminal pin layout
(Bottom view)
P.C.B. dimensions
(Bottom view)
(Unit: mm)
The DIP-TYPE ROTARY SELECTOR SWITCHES RS/RG series listed here are standard
versions, but our production will be made upon receipt of your orders.
PACKAGING SPECIFICATIONS
Note: The conventional knob (Round shaft,
φ3.2 mm) available in the market
such as the one in the picture can be used.
O Boxing of one block type is performed 20 pcs. (More
than two blocks type are 10 pcs.) per box.Order will be
accept for the quantities by packaging unit(s).
(Ex. 1 block: 20 pcs, 40pcs… / 2 blocks~: 10 pcs, 20 pcs…)


Similar Part No. - RS3-508S-D15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS3-0303D20A1 RSG-RS3-0303D20A1 Datasheet
1Mb / 7P
   DC/DC-Converter
RS3-0303D20A3 RSG-RS3-0303D20A3 Datasheet
1Mb / 7P
   DC/DC-Converter
RS3-0303D20A5 RSG-RS3-0303D20A5 Datasheet
1Mb / 7P
   DC/DC-Converter
RS3-0303D20A6 RSG-RS3-0303D20A6 Datasheet
1Mb / 7P
   DC/DC-Converter
RS3-0303D20AX RSG-RS3-0303D20AX Datasheet
1Mb / 7P
   DC/DC-Converter
More results

Similar Description - RS3-508S-D15

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
logo
Copal Electronics
SS-10 COPAL-SS-10 Datasheet
159Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
List of Unclassifed Man...
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
Copal Electronics
CS-7 COPAL-CS-7 Datasheet
590Kb / 5P
   ROTARY SELECTOR SWITCHES (SMD)
CS-4 COPAL-CS-4 Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
CS-32 COPAL-CS-32 Datasheet
767Kb / 6P
   ROTARY SELECTOR SWITCHES (SMD)
logo
Omega Engineering, Inc.
OSW OMEGA-OSW Datasheet
463Kb / 3P
   Rotary Selector Switches For Thermocouple, RTD and Thermistor Circuits
logo
Cherry Semiconductor Co...
PEAA-3000 CHERRY-PEAA-3000 Datasheet
1Mb / 1P
   Selector Switches
PAAA-3000 CHERRY-PAAA-3000 Datasheet
1Mb / 1P
   SELECTOR SWITCHES
PBC1-E000 CHERRY-PBC1-E000 Datasheet
1Mb / 1P
   Selector Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com