Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U460-002-2AM-C Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. U460-002-2AM-C
Description  2-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x2) USB-A, USB-C Charging Port and Micro SD & SD/MMC Reader
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U460-002-2AM-C Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U460-002-2AM-C Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U460-002-2AM-C Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x2)
USB-A, USB-C Charging Port and Micro SD &
SD/MMC Reader
MODEL NUMBER: U460-002-2AM-C
Description
The U460-002-2AM-C 2-Port USB 3.1 Gen 1 Portable Hub’s built-in USB-C cable connects to your computer,
laptop or tablet’s USB-C port to give you two external USB-A ports and two memory card slots. Not only does this hub enable you to use Micro SD and
SD/MMC cards for external storage with your device, but it allows you to connect a wide range of USB devices, such as flash drives, external hard drives,
DVD players, MP3 players and digital cameras.
The U460-002-2AM-C supports USB 3.1 Gen 1 data transfer rates up to 5 Gbps—ten times faster than USB 2.0. It’s backward compatible with previous USB
generations, so you can continue using older peripherals while getting maximum high-speed performance from new devices. One port supports USB Battery
Charging (BC) specification v1.2 and provides up to 1.5A for fast charging of mobile devices.
The USB-C charging port supports power input up to 20V 3A (60W). It powers the device that the U460-002-2AM-C is plugged into, as well as peripherals
plugged into its USB-A ports, by connecting the charging port to a USB-C wall charger.
The compact case fits easily into your backpack, briefcase or laptop bag to power USB-enabled devices wherever you are. No software or drivers are needed.
USB Type-C™ and USB-C™ are trademarks of USB Implementers Forum
Features
Connects 2 USB-A Peripherals
Ideal for flash drives, external hard drives, DVD players, MP3 players and digital cameras
Supports USB 3.1 Gen 1 data transfer rates up to 5 Gbps
Backward compatible with previous USB generations
Highlights
Supports USB 3.1 Gen 1 data
transfer rates up to 5 Gbps
Card slots allow external memory
access via USB-C port
USB-C charge port connects to
wall charger to power device
Fits easily into backpack,
briefcase or laptop bag
Plug-and-play—no software or
drivers required
System Requirements
Device with USB-C port (USB 3.1
port needed to achieve USB 3.1
speeds)
Package Includes
U460-002-2AM-C 2-Port USB 3.1
Gen 1 Portable Hub
Owner’s manual
1 / 2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn