Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA48 Datasheet(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # SA48
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

SA48 Datasheet(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  SA48 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd SA48 Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd SA48 Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS(TA=25℃ unless otherwise noted)
Device
Nominal
Voltage
(V)
Breakdown
Voltage @IT
VBR
(V)(note1)
Test
Current
IT
(mA)
Stand-Off
Voltage
VWM
(V)
Maximum
Reverse
Leakage
@VWM
ID
(μΑ)
Maximum
Peak Pulse
Current
IPPM
(note2)(A)
Maximum
Clamping
Voltage @IPPM
VC(V)
Maximum
Temperature
Coefficient
of VBR(%/°C)
Min
Max
UNI
BI
SA5.0
SA5.0C
5.0
6.4
7.3
10
5
600
52
9.6
0.057
SA5.0A
SA5.0CA
5.0
6.4
7
10
5
600
54.3
9.2
0.057
SA6.0
SA6.0C
6.0
6.67
8.15
10
6
600
43.9
11.4
0.061
SA6.0A
SA6.0CA
6.0
6.67
7.37
10
6
600
48.5
10.3
0.061
SA6.5
SA6.5C
6.5
7.22
8.82
10
6.5
400
40.7
12.3
0.061
SA6.5A
SA6.5CA
6.5
7.22
7.98
10
6.5
400
44.7
11.2
0.061
SA7.0
SA7.0C
7.0
7.78
9.51
10
7
150
37.8
13.3
0.065
SA7.0A
SA7.0CA
7.0
7.78
8.6
10
7
150
41.7
12
0.065
SA7.5
SA7.5C
7.5
8.33
10.2
1.0
7.5
50
35
14.3
0.068
SA7.5A
SA7.5CA
7.5
8.33
9.21
1.0
7.5
50
38.8
12.9
0.068
SA8.0
SA8.0C
8.0
8.89
10.9
1.0
8
25
33.3
15
0.068
SA8.0A
SA8.0CA
8.0
8.89
9.83
1.0
8
25
36.7
13.6
0.068
SA8.5
SA8.5C
8.5
9.44
11.5
1.0
8.5
10
31.4
15.9
0.073
SA8.5A
SA8.5CA
8.5
9.44
10.4
1.0
8.5
10
34.7
14.4
0.073
SA9.0
SA9.0C
9.0
10
12.2
1.0
9
5
29.5
16.9
0.075
SA9.0A
SA9.0CA
9.0
10
11.1
1.0
9
5
32.5
15.4
0.075
SA10
SA10C
10.0
11.1
13.6
1.0
10
1
26.6
18.8
0.078
SA10A
SA10CA
10.0
11.1
12.3
1.0
10
1
29.4
17
0.078
SA11
SA11C
11.0
12.2
14.9
1.0
11
1
24.9
20.1
0.081
SA11A
SA11CA
11.0
12.2
13.58
1.0
11
1
27.4
18.2
0.081
SA12
SA12C
12.0
13.3
16.3
1.0
12
1
22.7
22
0.084
SA12A
SA12CA
12.0
13.3
14.7
1.0
12
1
25.1
19.9
0.084
SA13
SA13C
13.0
14.4
17.6
1.0
13
1
21
23.8
0.085
SA13A
SA13CA
13.0
14.4
15.9
1.0
13
1
23.2
21.5
0.085
SA14
SA14C
14.0
15.6
19.1
1.0
14
1
19.4
25.8
0.086
SA14A
SA14CA
14.0
15.6
17.2
1.0
14
1
21.5
23.2
0.086
SA15
SA15C
15.0
16.7
20.4
1.0
15
1
18.8
26.9
0.088
SA15A
SA15CA
15.0
16.7
18.5
1.0
15
1
20.6
24.4
0.088
SA16
SA16C
16.0
17.8
21.8
1.0
16
1
17.6
28.8
0.088
SA16A
SA16CA
16.0
17.8
19.7
1.0
16
1
19.2
26
0.088
SA17
SA17C
17.0
18.9
23.1
1.0
17
1
16.4
30.5
0.090
SA17A
SA17CA
17.0
18.9
23.1
1.0
17
1
18.1
27.6
0.090
SA18
SA18C
18.0
20
22.1
1.0
18
1
15.5
32.2
0.092
SA18A
SA18CA
18.0
20
22.1
1.0
18
1
17.2
29.2
0.092
SA20
SA20C
20.0
22.2
27.1
1.0
20
1
13.9
35.8
0.094
SA20A
SA20CA
20.0
22.2
24.5
1.0
20
1
15.4
32.4
0.094
SA22
SA22C
22.0
24.4
29.8
1.0
22
1
12.7
39.4
0.095
SA22A
SA22CA
22.0
24.4
26.9
1.0
22
1
14.1
35.5
0.095
SA24
SA24C
24.0
26.7
32.6
1.0
24
1
11.6
43
0.096
SA24A
SA24CA
24.0
26.7
29.5
1.0
24
1
12.8
38.9
0.096
SA26
SA26C
26.0
28.9
35.3
1.0
26
1
10.7
46.6
0.097
SA26A
SA26CA
26.0
28.9
31.9
1.0
26
1
11
42.1
0.097
SA28
SA28C
28.0
31.1
38
1.0
28
1
9.9
50.1
0.098
SA28A
SA28CA
28.0
31.1
34.4
1.0
28
1
11
45.4
0.098
SA30
SA30C
30.0
33.3
40.7
1.0
30
1
9.3
53.5
0.099
SA30A
SA30CA
30.0
33.3
36.8
1.0
30
1
10.3
48.4
0.099
SA33
SA33C
33.0
36.7
44.9
1.0
33
1
8.6
59
0.100
SA33A
SA33CA
33.0
36.7
40.6
1.0
33
1
9.4
53.5
0.100


Similar Part No. - SA48

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SA48 YANGJIE-SA48 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
SA48 PANJIT-SA48 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA48 FCI-SA48 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA48 TSC-SA48 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
RFE international
SA48 RFE-SA48 Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
More results

Similar Description - SA48

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com