Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U444-06N-H4U-C Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U444-06N-H4U-C
Description  USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U444-06N-H4U-C Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U444-06N-H4U-C Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U444-06N-H4U-C Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 3.1 Gen 1 USB-C to HDMI External Video
Adapter with USB-A Hub and USB-C Charging Port,
4K x 2K
MODEL NUMBER: U444-06N-H4U-C
Description
The U444-06N-H4U-C USB 3.1 Gen 1 USB-C to HDMI DisplayPort Alternate Mode External Video Adapter
supports USB DisplayPort Alternate Mode for displaying audio/video signals on an HDMI monitor, television or
projector via your computer, laptop or tablet’s USB-C port. It’s an ideal tool for multitasking, editing documents,
giving presentations at trade shows and conferences, or watching movies and playing video games.
No software, drivers or external power supply is needed. Connect the adapter’s USB-C male plug to the USB-C port on your device. Then, connect the
adapter’s female HDMI port to a monitor using an HDMI cable (such as Tripp Lite’s P568-Series) to enjoy full HDMI video and audio. The U444-06N-H4U-C
supports Ultra High Definition (UHD) video resolutions up to 3840 x 2160 (4K x 2K) at 30 Hz.
The U444-06N-H4U-C includes a USB 3.1 hub port for connecting USB-A peripherals, such as a thumb drive or printer. It’s backward compatible with previous
USB generations and supports USB 3.1 Gen 1 data transfer rates up to 5 Gbps.
A USB-C charging port supports power input up to 20V 3A (60W). It powers the device that the U444-06N-H4U-C is plugged into by connecting the charging
port to a USB-C wall charger.
USB Type-C™ and USB-C™ are trademarks of USB Implementers Forum
Features
Easy to Add a 4K HDMI Display
Supports USB DisplayPort Alternate Mode for transmitting audio/video to an HDMI display via your computer, tablet, laptop or smartphone’s USB-C port
Ideal for multitasking, viewing spreadsheet data, editing documents and giving presentations, and watching movies and playing video games
Highlights
Supports USB DisplayPort
Alternate Mode for transmitting
video
Supports UHD video resolutions
up to 3840 x 2160 (4K x 2K)
USB-C port connects to wall
charger to power connected
device
Supports USB 3.1 Gen 1 data
transfer rates up to 5 Gbps
Plug-and-play—no software or
drivers required
System Requirements
USB-C device that supports USB
DisplayPort Alternate Mode
HDMI-enabled display
Package Includes
U444-06N-H4U-C USB 3.1 Gen
1 USB-C to HDMI DisplayPort
Alternate Mode External Video
Adapter
Owner’s manual
1 / 2


Similar Part No. - U444-06N-H4U-C

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-H4UB-C TRIPPLITE-U444-06N-H4UB-C Datasheet
163Kb / 3P
   USB-C to HDMI Adapter with USB-A Hub and PD Charging ??USB 3.1, Thunderbolt 3, 4K x 2K @ 30Hz, Black
More results

Similar Description - U444-06N-H4U-C

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-H4GU-C TRIPPLITE-U444-06N-H4GU-C Datasheet
518Kb / 2P
   USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 4K x 2K
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
   USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-H4-C TRIPPLITE-U444-06N-H4-C Datasheet
513Kb / 2P
   USB 3.1 Gen 1 USB-C to HDMI DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port, 4K x 2K
U444-06N-HGU-C TRIPPLITE-U444-06N-HGU-C Datasheet
517Kb / 2P
   USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
   USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
   USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-DU-C TRIPPLITE-U444-06N-DU-C Datasheet
512Kb / 2P
   USB 3.1 Gen 1 USB-C to DVI DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
U444-06N-VU-C TRIPPLITE-U444-06N-VU-C Datasheet
514Kb / 2P
   USB 3.1 Gen 1 USB-C to VGA DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
U444-06N-H4UB-C TRIPPLITE-U444-06N-H4UB-C Datasheet
163Kb / 3P
   USB-C to HDMI Adapter with USB-A Hub and PD Charging ??USB 3.1, Thunderbolt 3, 4K x 2K @ 30Hz, Black
U444-06N-D-C TRIPPLITE-U444-06N-D-C Datasheet
516Kb / 2P
   USB 3.1 Gen 1 USB-C to DVI DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com