Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAV430 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSAV430
Description  Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV430 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSAV430 Datasheet HTML 3Page - Fairchild Semiconductor FSAV430 Datasheet HTML 4Page - Fairchild Semiconductor FSAV430 Datasheet HTML 5Page - Fairchild Semiconductor FSAV430 Datasheet HTML 6Page - Fairchild Semiconductor FSAV430 Datasheet HTML 7Page - Fairchild Semiconductor FSAV430 Datasheet HTML 8Page - Fairchild Semiconductor FSAV430 Datasheet HTML 9Page - Fairchild Semiconductor FSAV430 Datasheet HTML 10Page - Fairchild Semiconductor FSAV430 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
11
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC16
Technology Description
The Fairchild Switch family derives from and embodies Fairchild’s proven switch technology used for several years in its
74LVX3L384 (FST3384) bus switch product.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - FSAV430

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV430 FAIRCHILD-FSAV430 Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
logo
ON Semiconductor
FSAV430 ONSEMI-FSAV430 Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
logo
Fairchild Semiconductor
FSAV430BQX FAIRCHILD-FSAV430BQX Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
FSAV430MTC FAIRCHILD-FSAV430MTC Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
logo
ON Semiconductor
FSAV430MTCX ONSEMI-FSAV430MTCX Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
More results

Similar Description - FSAV430

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3692 STMICROELECTRONICS-STG3692 Datasheet
313Kb / 18P
   Low voltage high bandwidth quad SPDT switch
STG3693 STMICROELECTRONICS-STG3693_1 Datasheet
295Kb / 18P
   Low voltage high bandwidth Quad SPDT switch
STG3693 STMICROELECTRONICS-STG3693 Datasheet
309Kb / 17P
   Low voltage high bandwidth Quad SPDT switch
logo
Savitech Corp.
SV7330SE SAVITECH-SV7330SE Datasheet
750Kb / 20P
   8KV ESD, Low Ron, Ultra-Wide Bandwidth, Low Power, Quad SPDT Video Switch
SV7330E SAVITECH-SV7330E Datasheet
750Kb / 20P
   8KV ESD, Low Ron, Wide Bandwidth, Low Power, Quad SPDT Video Switch
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Fairchild Semiconductor
FSAV430 FAIRCHILD-FSAV430_05 Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
logo
STMicroelectronics
STG3682 STMICROELECTRONICS-STG3682 Datasheet
303Kb / 19P
   Low voltage high bandwidth dual SPDT switch
STG3220 STMICROELECTRONICS-STG3220 Datasheet
497Kb / 23P
   Low voltage high bandwidth dual SPDT switch
May 2009 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com