Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0253.250MAT1L Datasheet(PDF) 3 Page - Littelfuse

Part # 0253.250MAT1L
Description  Axial Lead & Cartridge Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0253.250MAT1L Datasheet(HTML) 3 Page - Littelfuse

  0253.250MAT1L Datasheet HTML 1Page - Littelfuse 0253.250MAT1L Datasheet HTML 2Page - Littelfuse 0253.250MAT1L Datasheet HTML 3Page - Littelfuse 0253.250MAT1L Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 10/10/16
Axial Lead & Cartridge Fuses
PICO® ll > Very Fast-Acting Fuse > 251/253 Series
Average Time Current Curves
Soldering Parameters
100
10
1
0.1
0.01
0.001
0.05 0.1
110100
1000
CURRENT IN AMPERES
Recommended Hand Soldering Parameters:
Solder Iron Temperature: 350°C +/- 5°C
Heating Time: 5 seconds max.
Note:These devices are not recommended for IR or
Convection Reflow process
Recommended Process Parameters:
Note:
1. Re-rating depicted in this curve is in addition to the standard derating of 25% for
continuous operation.
Temperature Re-rating Curve
Wave Parameter
Lead-Free Recommendation
for 251 Series only
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100
°C
Temperature Maximum:
150
°C
Preheat Time:
60-180 seconds
Solder PotTemperature:
260
°C Maximum
Solder DwellTime:
2-5 seconds


Similar Part No. - 0253.250MAT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0253.250M LITTELFUSE-0253.250M Datasheet
289Kb / 4P
   251/253 Series, PICO짰 II, Very Fast-Acting Fuse
0253.250M LITTELFUSE-0253.250M Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 251/253 Series
More results

Similar Description - 0253.250MAT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
   Axial Lead & Cartridge Fuses
505 LITTELFUSE-505 Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
   Axial Lead & Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
   Axial Lead & Cartridge Fuses
0219005.MXAP LITTELFUSE-0219005.MXAP Datasheet
172Kb / 4P
   Axial Lead & Cartridge Fuses
388 LITTELFUSE-388 Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
477 LITTELFUSE-477 Datasheet
420Kb / 3P
   Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com