Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U444-06N-D-C Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. U444-06N-D-C
Description  USB 3.1 Gen 1 USB-C to DVI DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

U444-06N-D-C Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 3.1 Gen 1 USB-C to DVI DisplayPort Alternate
Mode External Video Adapter with USB-C Charging
Port
MODEL NUMBER: U444-06N-D-C
Description
The U444-06N-D-C USB 3.1 Gen 1 to DVI DisplayPort Alternate Mode External Video Adapter supports USB
DisplayPort Alternate Mode for displaying video on a DVI monitor or projector via your computer, laptop or
tablet’s USB-C port. It’s an ideal tool for multitasking, editing documents, or giving presentations at trade shows
and conferences.
No software, drivers or external power supply is needed. Connect the adapter’s USB-C male plug to the USB-C port on your device. Then, connect the
adapter’s DVI female port to a monitor using a DVI cable (such as Tripp Lite’s P561-Series) to see full DVI video. The U444-06N-D-C supports DVI single-link
video resolutions up to 1920 x 1080 (1080p) at 60 Hz and DVI digital transfer rates up to 6.75 Gbps (2.25 Gbps per channel).
The U444-06N-D-C includes a USB-C charging port that supports power input up to 20V 3A (60W). The U444-06N-D-C powers the device that it’s plugged
into by connecting the USB-C charging port to a USB-C wall charger.
USB Type-C™ and USB-C™ are trademarks of USB Implementers Forum
Features
Easy to Add a DVI Display
Supports USB DisplayPort Alternate Mode for transmitting video to a DVI display via your computer, tablet, laptop or smartphone’s USB-C port
Ideal for multitasking, viewing spreadsheet data, editing documents and giving presentations
Plug-and-play—no software, external power supply or drivers required
Supports DVI single-link video resolutions up to 1920 x 1080 (1080p) @ 60 Hz
Supports DVI digital transfer rates of 6.75 Gbps (2.25 Gbps per channel)
Highlights
Supports USB DisplayPort
Alternate Mode for transmitting
video
Supports DVI single-link video
resolutions up to 1080p (@ 60
Hz)
USB-C port connects to wall
charger to power connected
device
Charging port supports power
input up to 20V 3A (60W)
Plug-and-play—no software or
drivers required
System Requirements
USB-C device that supports USB
DisplayPort Alternate Mode
DVI-enabled display
Package Includes
U444-06N-D-C USB 3.1 Gen 1 to
DVI DisplayPort Alternate Mode
External Video Adapter
Owner’s manual
1 / 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn