Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N080-SMB1-WH Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N080-SMB1-WH
Description  Single-Gang Surface-Mount Junction Box, White
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N080-SMB1-WH Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N080-SMB1-WH Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N080-SMB1-WH Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single-Gang Surface-Mount Junction Box, White
MODEL NUMBER: N080-SMB1-WH
Description
The N080-SMB1-WH Single-Gang Surface-Mount Junction Box is perfect for mounting a wallplate to complete multiple audio/video, voice and Ethernet in-wall
connections using any type of keystone jack, including Cat5e/6/6a, USB, HDMI, DisplayPort and RCA. Designed to work with mid-sized and standard
single-gang wallplates, such as Tripp Lite’s N080-Series, this back box is two inches deep. It features raceway cutouts in three different sizes (1 inch, 1.25
inches and 1.75 inches in diameter) on each side, as well as a rectangular knockout on the back. The cover snaps securely to the base with no screws
required. Made from durable ABS thermoplastic. White color blends elegantly into any home or office décor for a sleek, professional installation. Includes two
mounting screws for easy installation. Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases.
Features
Completes Multiple A/V, Voice and Ethernet In-Wall Applications
Compatible with mid-sized and standard single-gang wallplates (including Tripp Lite’s N080-Series)
2 in. deep
Raceway cutouts on each side in 3 sizes: 1, 1.25 and 1.75 in. diameter
Rear rectangular knockout
Mounting hardware included
Durable Construction
Made from high-impact ABS thermoplastic
Comes in white to blend into home or office décor
Cover snaps to the base with no screws required
TAA Compliant
Complies with Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
Highlights
Accepts mid-sized and standard
wallplates
Raceway cutouts in 3 sizes: 1,
1.25 and 1.75 in. diameter
White color blends into any home
or office décor
Durable ABS thermoplastic
construction
Includes mounting screws
Package Includes
N080-SMB1-WH Single-Gang
Surface-Mount Junction Box,
White
Mounting hardware
1 / 2


Similar Part No. - N080-SMB1-WH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N080-101 TRIPPLITE-N080-101 Datasheet
154Kb / 2P
   1-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-102 TRIPPLITE-N080-102 Datasheet
155Kb / 2P
   2-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-103 TRIPPLITE-N080-103 Datasheet
155Kb / 2P
   3-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-104 TRIPPLITE-N080-104 Datasheet
155Kb / 2P
   4-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-106 TRIPPLITE-N080-106 Datasheet
156Kb / 2P
   6-Port Single-Gang Universal Keystone Wallplate, White, TAA
More results

Similar Description - N080-SMB1-WH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N206-SB01-IND TRIPPLITE-N206-SB01-IND Datasheet
157Kb / 2P
   Waterproof Electrical Junction Box - Surface Mount, Industrial, Single Gang, IP67, TAA, 2 Cutouts
N042E-MB1 TRIPPLITE-N042E-MB1 Datasheet
40Kb / 2P
   Single-Gang Surface Mounting Box, European Style, 81 x 81 x 45 mm, White
N042U-MB1 TRIPPLITE-N042U-MB1 Datasheet
50Kb / 2P
   Single-Gang Surface Mounting Box, UK Style, 86 x 86 x 47 mm, White
N042E-WF1 TRIPPLITE-N042E-WF1 Datasheet
38Kb / 2P
   Single-Gang European-Style Gang Frame for Insert Modules, White
logo
Molex Electronics Ltd.
1301280150 MOLEX-1301280150 Datasheet
151Kb / 1P
   FD BOX, SINGLE GANG FOR WATERTITE PRODUCTS
2013/11/08
logo
Tripp Lite. All Rights ...
N042U-WF1-2 TRIPPLITE-N042U-WF1-2 Datasheet
36Kb / 2P
   Single-Gang UK-Style Gang Frame for Insert Modules, White
logo
FIBOX Enclosing innovat...
8600671 FIBOX-8600671 Datasheet
83Kb / 2P
   Junction box 2.5 mm², PP, white
14.08.2023
8600673 FIBOX-8600673 Datasheet
119Kb / 2P
   Junction box 6 mm², PP, white
14.08.2023
logo
Tripp Lite. All Rights ...
N042D-100-WH TRIPPLITE-N042D-100-WH Datasheet
153Kb / 2P
   Single-Gang Faceplate, Decora Style - Vertical, White
N042U-MB2 TRIPPLITE-N042U-MB2 Datasheet
46Kb / 2P
   Double-Gang Surface Mounting Box, UK Style, 86 x 147 x 47 mm, White
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com