Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE13 Datasheet(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # P6KE13
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

P6KE13 Datasheet(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  P6KE13 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd P6KE13 Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd P6KE13 Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
- 392 -
ELECTRICAL CHARACTERISTICS(TA=25℃ unless otherwise noted)
Device
Nominal
Voltage
(V)
Breakdown
Voltage @IT
VBR
(V)(note1)
Test
Current
IT
(mA)
Stand-Off
Voltage
VWM
(V)
Maximum
Reverse
Leakage
@VWM
ID(μΑ)
Maximum
Peak Pulse
Current
IPPM
(note2)(A)
Maximum
Clamping
Voltage @IPPM
VC(V)
Maximum
Temperature
Coefficient
of VBR(%/°C)
Min
Max
UNI
BI
P6KE6.8
P6KE6.8C
6.8
6.12
7.48
10
5.50
1000
58
10.8
0.057
P6KE6.8A
P6KE6.8CA
6.8
6.45
7.14
10
5.80
1000
60
10.5
0.057
P6KE7.5
P6KE7.5C
7.5
6.75
8.25
10
6.05
500
53
11.7
0.061
P6KE7.5A
P6KE7.5CA
7.5
7.13
7.88
10
6.4
500
55
11.3
0.061
P6KE8.2
P6KE8.2C
8.2
7.38
9.02
10
6.63
200
50
12.5
0.065
P6KE8.2A
P6KE8.2CA
8.2
7.79
8.61
10
7.02
200
52
12.1
0.065
P6KE9.1
P6KE9.1C
9.1
8.19
10.0
1.0
7.37
50
45
13.8
0.068
P6KE9.1A
P6KE9.1CA
9.1
8.65
9.55
1.0
7.78
50
47
13.4
0.068
P6KE10
P6KE10C
10
9.00
11.0
1.0
8.10
10
42
15.0
0.073
P6KE10A
P6KE10CA
10
9.50
10.5
1.0
8.55
10
43
14.5
0.073
P6KE11
P6KE11C
11
9.90
12.1
1.0
8.92
5.0
38
16.2
0.075
P6KE11A
P6KE11CA
11
10.5
11.6
1.0
9.40
5.0
40
15.6
0.075
P6KE12
P6KE12C
12
10.8
13.2
1.0
9.72
5.0
36
17.3
0.078
P6KE12A
P6KE12CA
12
11.4
12.6
1.0
10.2
5.0
37
16.7
0.078
P6KE13
P6KE13C
13
11.7
14.3
1.0
10.5
5.0
33
19.0
0.081
P6KE13A
P6KE13CA
13
12.4
13.7
1.0
11.1
5.0
34
18.2
0.081
P6KE15
P6KE15C
15
13.5
16.5
1.0
12.1
5.0
28
22.0
0.084
P6KE15A
P6KE15CA
15
14.3
15.8
1.0
12.8
5.0
29
21.2
0.084
P6KE16
P6KE16C
16
14.4
17.6
1.0
12.9
5.0
26
23.5
0.086
P6KE16A
P6KE16CA
16
15.2
16.8
1.0
13.6
5.0
28
22.5
0.086
P6KE18
P6KE18C
18
16.2
19.8
1.0
14.5
5.0
23
26.5
0.088
P6KE18A
P6KE18CA
18
17.1
18.9
1.0
15.3
5.0
25
25.2
0.088
P6KE20
P6KE20C
20
18.0
22.0
1.0
16.2
5.0
21
29.1
0.090
P6KE20A
P6KE20CA
20
19.0
21.0
1.0
17.1
5.0
22
27.7
0.090
P6KE22
P6KE22C
22
19.8
24.2
1.0
17.8
5.0
19
31.9
0.092
P6KE22A
P6KE22CA
22
20.9
23.1
1.0
18.8
5.0
20
30.6
0.092
P6KE24
P6KE24C
24
21.6
26.4
1.0
19.4
5.0
18
34.7
0.094
P6KE24A
P6KE24CA
24
22.8
25.2
1.0
20.5
5.0
19
33.2
0.094
P6KE27
P6KE27C
27
24.3
29.7
1.0
21.8
5.0
16
39.1
0.096
P6KE27A
P6KE27CA
27
25.7
28.4
1.0
23.1
5.0
16.8
37.5
0.096
P6KE30
P6KE30C
30
27.0
33.0
1.0
24.3
5.0
14
43.5
0.097
P6KE30A
P6KE30CA
30
28.5
31.5
1.0
25.6
5.0
15
41.4
0.097
P6KE33
P6KE33C
33
29.7
36.3
1.0
26.8
5.0
13
47.7
0.098
P6KE33A
P6KE33CA
33
31.4
34.7
1.0
28.2
5.0
13.8
45.7
0.098
P6KE36
P6KE36C
36
32.4
39.6
1.0
29.1
5.0
12
52
0.099
P6KE36A
P6KE36CA
36
34.2
37.8
1.0
30.8
5.0
12.6
49.9
0.099
P6KE39
P6KE39C
39
35.1
42.9
1.0
31.6
5.0
11.1
56.4
0.100
P6KE39A
P6KE39CA
39
37.1
41.0
1.0
33.3
5.0
11.6
53.9
0.100
P6KE43
P6KE43C
43
38.7
47.3
1.0
34.8
5.0
10
61.9
0.101
P6KE43A
P6KE43CA
43
40.9
45.2
1.0
36.8
5.0
10.6
59.3
0.101
P6KE47
P6KE47C
47
42.3
51.7
1.0
38.1
5.0
8.2
67.8
0.101
P6KE47A
P6KE47CA
47
44.7
49.4
1.0
40.2
5.0
9.7
64.8
0.101
P6KE51
P6KE51C
51
45.9
56.1
1.0
41.3
5.0
8.5
73.5
0.102
P6KE51A
P6KE51CA
51
48.5
53.6
1.0
43.6
5.0
8.9
70.1
0.102
P6KE56
P6KE56C
56
50.4
61.6
1.0
45.4
5.0
7.8
80.5
0.103
P6KE56A
P6KE56CA
56
53.2
58.8
1.0
47.8
5.0
8.1
77
0.103
P6KE62
P6KE62C
62
55.8
68.2
1.0
50.2
5.0
7
89
0.104
P6KE62A
P6KE62CA
62
58.9
65.1
1.0
53.0
5.0
7.4
85
0.104


Similar Part No. - P6KE13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE13 PANJIT-P6KE13 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Zibo Seno Electronic En...
P6KE13 ZSELEC-P6KE13 Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
P6KE13 MCC-P6KE13 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
Microsemi Corporation
P6KE13 MICROSEMI-P6KE13 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Vishay Siliconix
P6KE13 VISHAY-P6KE13 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results

Similar Description - P6KE13

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com