Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL512T11DHVyyx Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # S29GL512T11DHVyyx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL512T11DHVyyx Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button S29GL512T11DHVyyx Datasheet HTML 3Page - Cypress Semiconductor S29GL512T11DHVyyx Datasheet HTML 4Page - Cypress Semiconductor S29GL512T11DHVyyx Datasheet HTML 5Page - Cypress Semiconductor S29GL512T11DHVyyx Datasheet HTML 6Page - Cypress Semiconductor S29GL512T11DHVyyx Datasheet HTML 7Page - Cypress Semiconductor S29GL512T11DHVyyx Datasheet HTML 8Page - Cypress Semiconductor S29GL512T11DHVyyx Datasheet HTML 9Page - Cypress Semiconductor S29GL512T11DHVyyx Datasheet HTML 10Page - Cypress Semiconductor S29GL512T11DHVyyx Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 7 of 105
S29GL01GT, S29GL512T
While in EA mode, only a Program / Erase suspend command or the Status Register Read command will be accepted. All other
commands are ignored. Thus, no other ASO may be entered from the EA mode.
When an Embedded Algorithm is suspended, the Data Polling ASO is visible until the device has suspended the EA. When the EA
is suspended the Data Polling ASO is exited and Flash Array data is available. The Data Polling ASO is reentered when the
suspended EA is resumed, until the EA is again suspended or finished. When an Embedded Algorithm is completed, the Data
Polling ASO is exited and the device goes to the previous (calling) mode (from which the Embedded Algorithm was started).
In ASO mode, one of the remaining overlay address spaces is entered (overlaid on the main Flash Array address map). Only one
ASO may be entered at any one time. Commands to the device affect the currently entered ASO. Only certain commands are valid
for each ASO. These are listed in the Table 7.1 on page 48, in each ASO related section of the table.
The following ASOs have non-volatile data that may be programmed to change 1’s to 0’s:
Secure Silicon Region
Lock Register
Persistent Protection Bits (PPB)
Password
Only the PPB ASO has non-volatile data that may be erased to change 0’s to 1’s
When a program or erase command is issued while one of the non-volatile ASOs is entered, the EA operates on the ASO. The ASO
is not readable while the EA is active. When the EA is completed the ASO remains entered and is again readable. Suspend and
Resume commands are ignored during an EA operating on any of these ASOs.
2.1
Flash Memory Array
The S29GL-T family has uniform sector architecture with a sector size of 128 kB. The following tables show the sector architecture
of the different devices.
Note: These tables have been condensed to show sector related information for an entire device on a single page Sectors and their
address ranges that are not explicitly listed (such as SA1-SA510 on the GL512T) have sectors starting and ending addresses that
form the same pattern as all other sectors of that size. For example, all 128 kB sectors have the pattern XXX0000h-XXXFFFFh in
x16 and XXX0000h-XXX1FFFF in x8.
Table 2.1 S29GL01GT Sector and Memory Address Map
Sector Size
(kbyte)
Sector Count
Sector Range
Address Range
(16-Bit)
Address Range
(8-Bit)
Notes
128
1024
SA0
0000000h-000FFFFh
0000000h-001FFFFh
Sector Starting Address
::
:
SA1023
3FF0000h-3FFFFFFh
7FF0000h-7FFFFFFh
Sector Ending Address
Table 2.2 S29GL512T Sector and Memory Address Map
Sector Size
(kbyte)
Sector Count
Sector Range
Address Range
(16-Bit)
Address Range
(8-Bit)
Notes
128
512
SA0
0000000h-000FFFFh
0000000h-001FFFFh
Sector Starting Address
::
:
SA511
1FF0000h-1FFFFFFh
3FF0000h-3FFFFFFh
Sector Ending Address


Similar Part No. - S29GL512T11DHVyyx

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Similar Description - S29GL512T11DHVyyx

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
   1 Gbit (128 Mbyte) 3.0V SPI Flash
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com