Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM13072APEL Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SM13072APEL
Description  10/100 Base-T Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SM13072APEL Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SM13072APEL Datasheet HTML 1Page - Bourns Electronic Solutions SM13072APEL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM13072APEL-10/100Base-TTransformer
Solder Profile
Ramp-up rate = 3 °C/sec. max.
Ramp-down rate = 6 °C/sec. max.
TL = 217 °C tL = 60-150 sec.
Tp = 250 °C ±3 °C
Time within 5 °C of actual Peak Temp (tp) = 20~40 sec.
Ts min = 150 °C Ts max = 200 °C
Ts min to Ts max = 60-180 sec.
25 °C to Peak Temperature = 8 min. max.
TP
TP
tp
ts
TTO
RAMP-UP
L
TL
t L
TMAX.
S
TMIN.
25
PREHEAT
S
Time
CRITICAL ZONE
RAMP-DOWN
8 MINS./248.9 °C
t 25 °C TO PEAK
Packaging Specifications
600PCS.PERREEL
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
10
/16
END
START
USER DIRECTION OF FEED
2.00
(.079)
0.40
(.016)
4.00
(.157)
1.75
(.069)
1.50
(.059)
DIA.
1.50
(.059)
DIA.
DIA.
MAX.
6.52
(.257)
11.50
(.453)
24.00
(.945)
330.0±2.0
(12.992±.079)
11.42
(.450)
16.00
(.630)
MM
(INCHES)
DIMENSIONS:
0.10
(0.004)
TOLERANCES:
30.5
(1.201)
2.5±0.2
(.098±.008)
13.0+0.5/-0.2
(.512+.020/-.008)
24.5±0.2
(.965±.008)
100.0
(3.937)
MIN.
DIA.
21.0±0.8
(.827±.031)
DIA.
NO
COMPONENT
23PCS.
MIN.
NO
COMPONENT
25PCS.
MIN.
COMPONENTS


Similar Part No. - SM13072APEL

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM130 RECTRON-SM130 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
logo
Bytes
SM130 BYTES-SM130 Datasheet
148Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SM130 FORMOSA-SM130 Datasheet
66Kb / 2P
   Silicon epitaxial planer type
logo
DAESAN ELECTRONIC CORP.
SM130 DAESAN-SM130 Datasheet
264Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 20 to 60 Volts
logo
UNIOHM CORPORATION
SM130 UNIOHM-SM130 Datasheet
62Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SM13072APEL

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16PT8512A BOTHHAND-16PT8512A Datasheet
53Kb / 1P
   10/100 BASE-T TRANSFORMER
16ST8520X BOTHHAND-16ST8520X Datasheet
108Kb / 1P
   10/100 BASE-T TRANSFORMER
24STS12 BOTHHAND-24STS12 Datasheet
194Kb / 1P
   10/100 BASE-T TRANSFORMER
16ST8515M BOTHHAND-16ST8515M Datasheet
177Kb / 1P
   10/100 BASE-T TRANSFORMER
16PT8515-3 BOTHHAND-16PT8515-3 Datasheet
50Kb / 1P
   10/100 BASE-T TRANSFORMER
16PT8510 BOTHHAND-16PT8510_1 Datasheet
50Kb / 1P
   10/100 BASE-T TRANSFORMER
16ST8511 BOTHHAND-16ST8511 Datasheet
27Kb / 1P
   10/100 BASE-T TRANSFORMER
24ST8515-2 BOTHHAND-24ST8515-2_1 Datasheet
264Kb / 1P
   10/100 BASE-T TRANSFORMER
16ST8515-1LF BOTHHAND-16ST8515-1LF Datasheet
160Kb / 2P
   10/100 BASE-T TRANSFORMER
logo
Bourns Electronic Solut...
SM91074AL BOURNS-SM91074AL Datasheet
576Kb / 3P
   10/100 Base-T Transformer
SM91071AL BOURNS-SM91071AL Datasheet
487Kb / 4P
   10/100 Base-T Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com