Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S26KS256S Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # S26KS256S
Description  512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S26KS256S Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button S26KS256S Datasheet HTML 6Page - Cypress Semiconductor S26KS256S Datasheet HTML 7Page - Cypress Semiconductor S26KS256S Datasheet HTML 8Page - Cypress Semiconductor S26KS256S Datasheet HTML 9Page - Cypress Semiconductor S26KS256S Datasheet HTML 10Page - Cypress Semiconductor S26KS256S Datasheet HTML 11Page - Cypress Semiconductor S26KS256S Datasheet HTML 12Page - Cypress Semiconductor S26KS256S Datasheet HTML 13Page - Cypress Semiconductor S26KS256S Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
S26KL512S / S26KS512S
S26KL256S / S26KS256S
S26KL128S / S26KS128S
Document Number: 001-99198 Rev. *F
Page 10 of 98
3.
Signal Description
Figure 5. HyperFlash Interface
Note:
1. M = Mandatory; O = Optional; P/G = Power / Ground
Table 2. Signal Descriptions
Symbol
Type
M / O
Description
CS#
Input
M
Chip Select. HyperFlash bus transactions are initiated with a High to Low transition. HyperFlash
bus transactions are terminated with a Low to High transition.
CK, CK#
Input
M
Differential Clock. Command / Address / Data information is input or output with respect to the
crossing of the CK and CK# signals. CK# is only used on the 1.8V devices and may be left open
or connected to CK on 3V devices.
RWDS
Output
M
Read Write Data Strobe. Output data during read transactions are edge aligned with RWDS.
DQ[7..0]
Input / Output
M
Data Input / Output. Command / Address / Data information is transferred on these DQs during
read and write transactions.
PSC,
PSC#
Input
O
Phase Shifted Clock. PSC/PSC# allows independent skewing of the RWDS signal with respect
to the CK/CK# inputs. PSC# is only used on the 1.8V device. PSC and PSC# may be driven
High and Low respectively or both may be driven Low during write transactions.
INT#
Output
(open drain)
O
INT Output. When Low, the device is indicating that an internal event has occurred. This signal
is intended to be used as a system level interrupt for the device to indicate that an on-chip event
has occurred. INT# is an open-drain output.
RESET#
Input
O
Hardware Reset. When Low, the device will self initialize and return to the array read state.
RWDS and DQ[7:0] are placed into the High-Z state when RESET# is Low. RESET# includes
a weak pull-up, if RESET# is left unconnected it will be pulled up to the High state.
RSTO#
Output
(open drain)
O
RSTO# Output. RSTO# is an open-drain output used to indicate when a POR is occurring within
the device and can be used as a system level reset signal. Upon completion of the internal POR
the RSTO# signal will transition from Low to high impedance after a user defined timeout period
has elapsed. Upon transition to the high impedance state the external pull-up resistance will
pull RSTO# High and the device immediately is placed into the Standby state.
VCC
Power Supply
P/G
Core Power.
VCCQ
Power Supply
P/G
Input / Output Power.
VSS
Power Supply
P/G
Core Ground.
VSSQ
Power Supply
P/G
Input / Output Ground.
CS#
CK#
CK
PSC
DQ[7:0]
RWDS
PSC#
VSS
VSSQ
VCC
VCCQ
RESET#
INT#
RSTO#


Similar Part No. - S26KS256S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S26 FAIRCHILD-S26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
List of Unclassifed Man...
S26 ETC2-S26 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
RFE international
S26 RFE-S26 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-14-2022
logo
List of Unclassifed Man...
S2600B ETC-S2600B Datasheet
94Kb / 3P
   HIGH VOLTAGE MEDIUM CURRENT SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
S2600B NJSEMI-S2600B Datasheet
74Kb / 2P
   High Voltage, Medium Current Silicon Controlled Rectifiers
More results

Similar Description - S26KS256S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com