Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S26KL512S Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # S26KL512S
Description  512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S26KL512S Datasheet(HTML) 2 Page - Cypress Semiconductor

  S26KL512S Datasheet HTML 1Page - Cypress Semiconductor S26KL512S Datasheet HTML 2Page - Cypress Semiconductor S26KL512S Datasheet HTML 3Page - Cypress Semiconductor S26KL512S Datasheet HTML 4Page - Cypress Semiconductor S26KL512S Datasheet HTML 5Page - Cypress Semiconductor S26KL512S Datasheet HTML 6Page - Cypress Semiconductor S26KL512S Datasheet HTML 7Page - Cypress Semiconductor S26KL512S Datasheet HTML 8Page - Cypress Semiconductor S26KL512S Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
S26KL512S / S26KS512S
S26KL256S / S26KS256S
S26KL128S / S26KS128S
Document Number: 001-99198 Rev. *F
Page 2 of 98
Performance Summary
Read Access Timings
Maximum Clock Rate at 1.8V VCC/VCCQ
166 MHz
Maximum Clock Rate at 3.0V VCC/VCCQ
100 MHz
Maximum Access Time, (tACC)
96 ns
Maximum CS# Access Time to First Word @ 166 MHz
118 ns
Typical Program / Erase Times
Single Word Programming (2B = 16b)
500 µs (~4 kB/s)
Write Buffer Programming (512B = 4096b)
475 µs (~1 MB/s)
Sector Erase Time (256 kB = 2 Mb)
930 ms (~282 kB/s)
Typical Current Consumption
Burst Read (Continuous Read at 166 MHz)
80 mA
Power-On Reset
80 mA
Sector Erase Current
60 mA
Write Buffer Programming Current
60 mA
Standby (CS# = High)
25 µA
Deep Power-Down (CS# = High, 85°C)
30 µA (512 Mb)
4 µA (all other densities)


Similar Part No. - S26KL512S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S26 FAIRCHILD-S26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
List of Unclassifed Man...
S26 ETC2-S26 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
RFE international
S26 RFE-S26 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-14-2022
logo
List of Unclassifed Man...
S2600B ETC-S2600B Datasheet
94Kb / 3P
   HIGH VOLTAGE MEDIUM CURRENT SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
S2600B NJSEMI-S2600B Datasheet
74Kb / 2P
   High Voltage, Medium Current Silicon Controlled Rectifiers
More results

Similar Description - S26KL512S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com