Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FS064S Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # S25FS064S
Description  64 Mbit (8 Mbyte), 1.8-V FS-S Flash
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FS064S Datasheet(HTML) 4 Page - Cypress Semiconductor

  S25FS064S Datasheet HTML 1Page - Cypress Semiconductor S25FS064S Datasheet HTML 2Page - Cypress Semiconductor S25FS064S Datasheet HTML 3Page - Cypress Semiconductor S25FS064S Datasheet HTML 4Page - Cypress Semiconductor S25FS064S Datasheet HTML 5Page - Cypress Semiconductor S25FS064S Datasheet HTML 6Page - Cypress Semiconductor S25FS064S Datasheet HTML 7Page - Cypress Semiconductor S25FS064S Datasheet HTML 8Page - Cypress Semiconductor S25FS064S Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 147 page
background image
Document Number: 002-03631 Rev. *C
Page 4 of 147
S25FS064S
PRELIMINARY
1.
Overview
1.1
General Description
The Cypress FS-S Family of devices are Flash non-volatile memory products using:
MirrorBit technology - that stores two data bits in each memory array transistor
Eclipse architecture - that dramatically improves program and erase performance
65 nm process lithography
The FS-S Family connects to a host system via a Serial Peripheral Interface (SPI). Traditional SPI single bit serial input and output
(Single I/O or SIO) is supported as well as optional two bit (Dual I/O or DIO) and four bit wide Quad I/O (QIO) and Quad Peripheral
Interface (QPI) commands. In addition, there are Double Data Rate (DDR) read commands for QIO and QPI that transfer address
and read data on both edges of the clock.
The FS-S Eclipse architecture features a Page Programming Buffer that allows up to 512 bytes to be programmed in one operation,
resulting in faster effective programming and erase than prior generation SPI program or erase algorithms.
Executing code directly from Flash memory is often called Execute-In-Place or XIP. By using FS-S Family devices at the higher
clock rates supported, with Quad or DDR-Quad commands, the instruction read transfer rate can match or exceed traditional parallel
interface, asynchronous, NOR Flash memories, while reducing signal count dramatically.
The FS-S Family products offer high densities coupled with the flexibility and fast performance required by a variety of mobile or
embedded applications. They are an excellent solution for systems with limited space, signal connections, and power. They are ideal
for code shadowing to RAM, executing code directly (XIP), and storing reprogrammable data.
1.2
Migration Notes
1.2.1
Features Comparison
The FS-S Family is command subset and footprint compatible with prior generation FL-S, and FL-P families. However, the power
supply and interface voltages are nominal 1.8V.
Table 1.1 Cypress SPI Families Comparison
Parameter
FS-S
FS-S
FL-S
FL-P
Technology Node
65nm
65nm
65nm
90nm
Architecture
MirrorBit® Eclipse™
MirrorBit® Eclipse™
MirrorBit® Eclipse™
MirrorBit®
Release Date
In Production
2H2015
In Production
In Production
Density
128Mb, 256Mb 512MB
64Mb
128Mb 256Mb 512Mb
32Mb - 256Mb
Bus Width
x1, x2, x4
x1, x2, x4
x1, x2, x4
x1, x2, x4
Supply Voltage
1.7V - 2.0V
1.7V - 2.0V
2.7V - 3.6V / 1.65V - 3.6V VIO
2.7V - 3.6V
Normal Read Speed (SDR)
6MB/s (50MHz)
6MB/s (50MHz)
6MB/s (50MHz)
5MB/s (40MHz)
Fast Read Speed (SDR)
16.5MB/s (133MHz)
16.5MB/s (133MHz)
16.5MB/s (133MHz)
13MB/s (104MHz)
Dual Read Speed (SDR)
33MB/s (133MHz)
33MB/s (133MHz)
26MB/s (104MHz)
20MB/s (80MHz)
Quad Read Speed (SDR)
66MB/s (133MHz)
66MB/s (133MHz)
52MB/s (104MHz)
40MB/s (80MHz)
Quad Read Speed (DDR)
80MB/s (80 MHz)
80Mb/s(80Mhz )
66MB/s (66MHz)
-
Program Buffer Size
256B / 512B
256B / 512B
256B / 512B
256B
Erase Sector Size
64KB / 256KB
64KB / 256KB
64KB / 256KB
64KB / 256KB
Parameter Sector Size
4KB (option)
4KB (option)
4KB (option)
4KB
Sector Erase Rate (typ.)
500 KB/s
500 KB/s
500 KB/s
130 KB/s
Page Programming Rate (typ.)
1.0 MB/s (256B)
1.2 MB/s (512B)
1.0 MB/s (256B)
1.2 MB/s (512B)
1.2 MB/s (256B)
1.5 MB/s (512B)
170 KB/s
OTP
1024B
1024B
1024B
506B
Advanced Sector Protection
Yes
Yes
Yes
No


Similar Part No. - S25FS064S

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S25FS128S SPANSION-S25FS128S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
logo
Cypress Semiconductor
S25FS128S CYPRESS-S25FS128S Datasheet
4Mb / 151P
   1.8 V, Serial Peripheral Interface with Multi-I/O, MirrorBit짰 Non-Volatile Flash
logo
SPANSION
S25FS128SAGMFI101 SPANSION-S25FS128SAGMFI101 Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S25FS128SAGMFI103 SPANSION-S25FS128SAGMFI103 Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
More results

Similar Description - S25FS064S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S70FS01GS CYPRESS-S70FS01GS Datasheet
1Mb / 141P
   1-Gbit (128 MByte), 1.8 V FS-S Flash
S29GL064S CYPRESS-S29GL064S Datasheet
1Mb / 105P
   64 Mbit (8 Mbyte) 3.0 V Flash Memory
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL512S CYPRESS-S25FL512S Datasheet
3Mb / 133P
   512 Mbit (64 Mbyte), 3.0 V SPI Flash Memory
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
logo
Cypress Semiconductor
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S29WS064R CYPRESS-S29WS064R Datasheet
1Mb / 81P
   64 Mbit (4M x 16-bit), 1.8 V MirrorBit짰 Flash
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com