Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL256S Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # S25FL256S
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256S Datasheet(HTML) 3 Page - Cypress Semiconductor

  S25FL256S Datasheet HTML 1Page - Cypress Semiconductor S25FL256S Datasheet HTML 2Page - Cypress Semiconductor S25FL256S Datasheet HTML 3Page - Cypress Semiconductor S25FL256S Datasheet HTML 4Page - Cypress Semiconductor S25FL256S Datasheet HTML 5Page - Cypress Semiconductor S25FL256S Datasheet HTML 6Page - Cypress Semiconductor S25FL256S Datasheet HTML 7Page - Cypress Semiconductor S25FL256S Datasheet HTML 8Page - Cypress Semiconductor S25FL256S Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 149 page
background image
Document Number: 001-98283 Rev. *J
Page 3 of 149
S25FL128S/S25FL256S
Contents
Features
................................................................................. 1
Logic Block Diagram
............................................................ 1
Performance Summary
........................................................ 2
1.
Overview
....................................................................... 4
1.1 General Description ....................................................... 4
1.2 Migration Notes.............................................................. 5
1.3 Glossary......................................................................... 7
1.4 Other Resources............................................................ 7
Hardware Interface
2.
Signal Descriptions
..................................................... 8
2.1 Input/Output Summary................................................... 8
2.2 Address and Data Configuration.................................... 9
2.3 RESET# ......................................................................... 9
2.4 Serial Clock (SCK) ......................................................... 9
2.5 Chip Select (CS#) .......................................................... 9
2.6 Serial Input (SI) / IO0 ................................................... 10
2.7 Serial Output (SO) / IO1............................................... 10
2.8 Write Protect (WP#) / IO2 ............................................ 10
2.9 Hold (HOLD#) / IO3 ..................................................... 10
2.10 Core Voltage Supply (VCC) .......................................... 11
2.11 Versatile I/O Power Supply (VIO) ................................. 11
2.12 Supply and Signal Ground (VSS) ................................. 11
2.13 Not Connected (NC) .................................................... 11
2.14 Reserved for Future Use (RFU)................................... 11
2.15 Do Not Use (DNU) ....................................................... 11
2.16 Block Diagrams............................................................ 12
3.
Signal Protocols
......................................................... 13
3.1 SPI Clock Modes ......................................................... 13
3.2 Command Protocol ...................................................... 14
3.3 Interface States............................................................ 18
3.4 Configuration Register Effects on the Interface ........... 22
3.5 Data Protection ............................................................ 22
4.
Electrical Specifications
............................................ 24
4.1 Absolute Maximum Ratings ......................................... 24
4.2 Thermal Resistance ..................................................... 24
4.3 Operating Ranges........................................................ 24
4.4 Power-Up and Power-Down ........................................ 25
4.5 DC Characteristics ....................................................... 28
5.
Timing Specifications
................................................ 29
5.1 Key to Switching Waveforms ....................................... 29
5.2 AC Test Conditions ...................................................... 29
5.3 Reset............................................................................ 30
5.4 SDR AC Characteristics............................................... 32
5.5 DDR AC Characteristics .............................................. 36
6.
Physical Interface
...................................................... 38
6.1 SOIC 16-Lead Package ............................................... 38
6.2 WSON Package........................................................... 40
6.3 FAB024 24-Ball BGA Package .................................... 41
6.4 FAC024 24-Ball BGA Package .................................... 43
Software Interface
7.
Address Space Maps
.................................................. 45
7.1 Overview....................................................................... 45
7.2 Flash Memory Array...................................................... 45
7.3 ID-CFI Address Space.................................................. 47
7.4 OTP Address Space ..................................................... 47
7.5 Registers....................................................................... 48
8.
Data Protection
........................................................... 57
8.1 Secure Silicon Region (OTP)........................................ 57
8.2 Write Enable Command................................................ 57
8.3 Block Protection............................................................ 58
8.4 Advanced Sector Protection ......................................... 59
9.
Commands
.................................................................. 63
9.1 Command Set Summary............................................... 64
9.2 Identification Commands .............................................. 70
9.3 Register Access Commands......................................... 72
9.4 Read Memory Array Commands .................................. 83
9.5 Program Flash Array Commands ................................. 99
9.6 Erase Flash Array Commands.................................... 105
9.7 One Time Program Array Commands ........................ 111
9.8 Advanced Sector Protection Commands.................... 112
9.9 Reset Commands ....................................................... 118
9.10 Embedded Algorithm Performance Tables ................. 119
10.
Data Integrity
............................................................. 120
10.1 Erase Endurance ........................................................ 120
10.2 Data Retention............................................................ 120
11.
Software Interface Reference
.................................. 121
11.1 Command Summary................................................... 121
11.2 Device ID and Common Flash Interface (ID-CFI) Address
Map............................................................................. 123
11.3 Device ID and Common Flash Interface (ID-CFI) ASO Map
— Automotive Only..................................................... 135
11.4 Registers..................................................................... 135
11.5 Initial Delivery State .................................................... 139
12.
Ordering Information
................................................ 140
13.
Contacting Cypress
.................................................. 142
14.
Revision History
........................................................ 143


Similar Part No. - S25FL256S

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL256S SPANSION-S25FL256S Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL256S SPANSION-S25FL256S Datasheet
5Mb / 153P
   CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL256SAGBFI001 SPANSION-S25FL256SAGBFI001 Datasheet
5Mb / 153P
   MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL256SAGBFIG11 SPANSION-S25FL256SAGBFIG11 Datasheet
5Mb / 153P
   MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL256SAGBHIG13 SPANSION-S25FL256SAGBHIG13 Datasheet
5Mb / 153P
   MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
More results

Similar Description - S25FL256S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
   128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
   1 Gbit (128 Mbyte) 3.0V SPI Flash
S70GL02GT CYPRESS-S70GL02GT Datasheet
1Mb / 20P
   2-Gbit (256-Mbyte) 3.0V Flash Memory
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com