Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4014LQI-SLT2 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8C4014LQI-SLT2
Description  Programmable System-on-Chip
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4014LQI-SLT2 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8C4014LQI-SLT2 Datasheet HTML 2Page - Cypress Semiconductor CY8C4014LQI-SLT2 Datasheet HTML 3Page - Cypress Semiconductor CY8C4014LQI-SLT2 Datasheet HTML 4Page - Cypress Semiconductor CY8C4014LQI-SLT2 Datasheet HTML 5Page - Cypress Semiconductor CY8C4014LQI-SLT2 Datasheet HTML 6Page - Cypress Semiconductor CY8C4014LQI-SLT2 Datasheet HTML 7Page - Cypress Semiconductor CY8C4014LQI-SLT2 Datasheet HTML 8Page - Cypress Semiconductor CY8C4014LQI-SLT2 Datasheet HTML 9Page - Cypress Semiconductor CY8C4014LQI-SLT2 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
PSoC® 4: PSoC 4000 Family
Datasheet
Document Number: 001-89638 Rev. *E
Page 6 of 34
Analog Blocks
Low-power Comparators
The PSoC 4000 has a low-power comparator, which uses the
built-in voltage reference. Any one of up to 16 pins can be used
as a comparator input and the output of the comparator can be
brought out to a pin. The selected comparator input is connected
to the minus input of the comparator with the plus input always
connected to the 1.2-V voltage reference. This comparator is
also used for CapSense purposes and is not available during
CapSense operation.
Current DACs
The PSoC 4000 has two IDACs, which can drive any of up to 16
pins on the chip. These IDACs have programmable current
ranges.
Analog Multiplexed Buses
The PSoC 4000 has two concentric independent buses that go
around the periphery of the chip. These buses (called amux
buses) are connected to firmware-programmable analog
switches that allow the chip's internal resources (IDACs,
comparator) to connect to any pin on Ports 0, 1, and 2.
Fixed Function Digital
Timer/Counter/PWM (TCPWM) Block
The TCPWM block consists of a 16-bit counter with
user-programmable period length. There is a capture register to
record the count value at the time of an event (which may be an
I/O event), a period register that is used to either stop or
auto-reload the counter when its count is equal to the period
register, and compare registers to generate compare value
signals that are used as PWM duty cycle outputs. The block also
provides true and complementary outputs with programmable
offset between them to allow use as dead-band programmable
complementary PWM outputs. It also has a Kill input to force
outputs to a predetermined state; for example, this is used in
motor drive systems when an over-current state is indicated and
the PWM driving the FETs needs to be shut off immediately with
no time for software intervention.
Serial Communication Block (SCB)
The PSoC 4000 has a serial communication block, which imple-
ments a multi-master I2C interface.
I2C Mode
: The hardware I2C block implements a full
multi-master and slave interface (it is capable of multi-master
arbitration). This block is capable of operating at speeds of up to
400 kbps (Fast Mode) and has flexible buffering options to
reduce interrupt overhead and latency for the CPU. It also
supports EZI2C that creates a mailbox address range in the
memory of the PSoC 4000 and effectively reduces I2C commu-
nication to reading from and writing to an array in memory. In
addition, the block supports an 8-deep FIFO for receive and
transmit which, by increasing the time given for the CPU to read
data, greatly reduces the need for clock stretching caused by the
CPU not having read data on time.
The I2C peripheral is compatible with the I2C Standard-mode and
Fast-mode devices as defined in the NXP I2C-bus specification
and user manual (UM10204). The I2C bus I/O is implemented
with GPIO in open-drain modes.
The PSoC 4000 is not completely compliant with the I2C spec in
the following respect:
GPIO cells are not overvoltage tolerant and, therefore, cannot
be hot-swapped or powered up independently of the rest of the
I2C system.
Fast-mode minimum fall time is not met in Fast Strong mode;
Slow Strong mode can help meet this spec depending on the
Bus Load.
GPIO
The PSoC 4000 has up to 20 GPIOs. The GPIO block imple-
ments the following:
Eight drive modes:
Analog input mode (input and output buffers disabled)
Input only
Weak pull-up with strong pull-down
Strong pull-up with weak pull-down
Open drain with strong pull-down
Open drain with strong pull-up
Strong pull-up with strong pull-down
Weak pull-up with weak pull-down
Input threshold select (CMOS or LVTTL).
Individual control of input and output buffer enabling/disabling
in addition to the drive strength modes
Selectable slew rates for dV/dt related noise control to improve
EMI
The pins are organized in logical entities called ports, which are
8-bit in width (less for Ports 2 and 3). During power-on and reset,
the blocks are forced to the disable state so as not to crowbar
any inputs and/or cause excess turn-on current. A multiplexing
network known as a high-speed I/O matrix is used to multiplex
between various signals that may connect to an I/O pin.
Data output and pin state registers store, respectively, the values
to be driven on the pins and the states of the pins themselves.
Every I/O pin can generate an interrupt if so enabled and each
I/O port has an interrupt request (IRQ) and interrupt service
routine (ISR) vector associated with it (4 for PSoC 4000).
The 28-pin and 24-pin packages have 20 GPIOs. The 16-pin
SOIC has 13 GPIOs. The 16-pin QFN and the 16-ball WLCSP
have 12 GPIOs. The 8-pin SOIC has 5 GPIOs.
Special Function Peripherals
CapSense
CapSense is supported in the PSoC 4000 through a CSD block
that can be connected to up to 16 pins through an analog mux
bus via an analog switch (pins on Port 3 are not available for
CapSense purposes). CapSense function can thus be provided
on any available pin or group of pins in a system under software
control. A PSoC Creator component is provided for the
CapSense block to make it easy for the user.
Shield voltage can be driven on another mux bus to provide
water-tolerance capability. Water tolerance is provided by driving
the shield electrode in phase with the sense electrode to keep
the shield capacitance from attenuating the sensed input.
Proximity sensing can also be implemented.
The CapSense block has two IDACs, which can be used for
general purposes if CapSense is not being used (both IDACs are
available in that case) or if CapSense is used without water
tolerance (one IDAC is available).


Similar Part No. - CY8C4014LQI-SLT2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4045FNI-DS402 CYPRESS-CY8C4045FNI-DS402 Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C4045FNI-DS402 CYPRESS-CY8C4045FNI-DS402 Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C4045PVI-DS402 CYPRESS-CY8C4045PVI-DS402 Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C4045PVI-DS402 CYPRESS-CY8C4045PVI-DS402 Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
logo
Infineon Technologies A...
CY8C40X5 INFINEON-CY8C40X5 Datasheet
954Kb / 40P
   PSoC™ 4 MCU: PSoC™ 4000T Based on Arm® Cortex®-M0 CPU
Rev. H 2023-12-12
More results

Similar Description - CY8C4014LQI-SLT2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com